Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1131LC4TR Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1131LC4TR
Description  Point-to-point radios
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1131LC4TR Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1131LC4TR Datasheet HTML 5Page - Analog Devices HMC1131LC4TR Datasheet HTML 6Page - Analog Devices HMC1131LC4TR Datasheet HTML 7Page - Analog Devices HMC1131LC4TR Datasheet HTML 8Page - Analog Devices HMC1131LC4TR Datasheet HTML 9Page - Analog Devices HMC1131LC4TR Datasheet HTML 10Page - Analog Devices HMC1131LC4TR Datasheet HTML 11Page - Analog Devices HMC1131LC4TR Datasheet HTML 12Page - Analog Devices HMC1131LC4TR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HMC1131
Data Sheet
Rev. A | Page 8 of 14
30
12
14
16
18
20
22
24
26
28
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 14. PSAT vs. Frequency at Various Temperatures
30
12
14
16
18
20
22
24
26
28
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
250mA
225mA
200mA
175mA
Figure 15. P1dB vs. Frequency at Various Supply Currents
40
20
22
24
26
28
30
32
34
36
38
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. Output IP3 vs. Frequency at Various Temperatures,
POUT/Tone = 10 dBm
30
12
14
16
18
20
22
24
26
28
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
5V
4V
Figure 17. PSAT vs. Frequency at Various Supply Voltages
30
12
14
16
18
20
22
24
26
28
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
250mA
225mA
200mA
175mA
Figure 18. PSAT vs. Frequency at Various Supply Currents
40
20
22
24
26
28
30
32
34
36
38
24
25
27
29
31
33
35
26
28
30
32
34
36
FREQUENCY (GHz)
250mA
225mA
200mA
175mA
Figure 19. Output IP3 vs. Frequency at Various Supply Currents,
POUT/Tone = 10 dBm


Similar Part No. - HMC1131LC4TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
   No external matching required
HMC1132LP5DE AD-HMC1132LP5DE Datasheet
694Kb / 15P
   No external matching required
HMC1132LP5DETR AD-HMC1132LP5DETR Datasheet
694Kb / 15P
   No external matching required
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
More results

Similar Description - HMC1131LC4TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com