Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8100LP6JE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8100LP6JE
Description  High linearity: supports modulations to 1024 QAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8100LP6JE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8100LP6JE Datasheet HTML 3Page - Analog Devices HMC8100LP6JE Datasheet HTML 4Page - Analog Devices HMC8100LP6JE Datasheet HTML 5Page - Analog Devices HMC8100LP6JE Datasheet HTML 6Page - Analog Devices HMC8100LP6JE Datasheet HTML 7Page - Analog Devices HMC8100LP6JE Datasheet HTML 8Page - Analog Devices HMC8100LP6JE Datasheet HTML 9Page - Analog Devices HMC8100LP6JE Datasheet HTML 10Page - Analog Devices HMC8100LP6JE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
HMC8100LP6JE
Data Sheet
Rev. A | Page 6 of 27
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
RF Input
10 dBm
LO Input
10 dBm
VCCX
−0.5 V to +5.5 V
−0.3 V to +3.6 V
Maximum Junction Temperature to
Maintain 1 Million Hour MTTF
150°C
Thermal Resistance (RTH), Junction to
Ground Paddle
10.5°C/W
Temperature
Operating
−40°C to +85°C
Storage
−65°C to +150°C
Maximum Peak Reflow Temperature
(MSL3)
260°C
ESD Sensitivity (Human Body Model)
2000 V (Class 2)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Similar Part No. - HMC8100LP6JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8108 AD-HMC8108 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5 AD-HMC8108LC5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR AD-HMC8108LC5TR Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR-R5 AD-HMC8108LC5TR-R5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
More results

Similar Description - HMC8100LP6JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8200 AD-HMC8200 Datasheet
725Kb / 26P
   High linearity: supports modulations to 1024 QAM
logo
Skyworks Solutions Inc.
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
   WiGig Single Carrier Modulations
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com