Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8200LP5METR Datasheet(PDF) 10 Page - Analog Devices

Part # HMC8200LP5METR
Description  High linearity: supports modulations to 1024 QAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5METR Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC8200LP5METR Datasheet HTML 6Page - Analog Devices HMC8200LP5METR Datasheet HTML 7Page - Analog Devices HMC8200LP5METR Datasheet HTML 8Page - Analog Devices HMC8200LP5METR Datasheet HTML 9Page - Analog Devices HMC8200LP5METR Datasheet HTML 10Page - Analog Devices HMC8200LP5METR Datasheet HTML 11Page - Analog Devices HMC8200LP5METR Datasheet HTML 12Page - Analog Devices HMC8200LP5METR Datasheet HTML 13Page - Analog Devices HMC8200LP5METR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data Sheet
HMC8200LP5ME
Rev. B | Page 9 of 25
0
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 9. IM3 vs. RF Frequency over Temperature, Lower Sideband
20
0
2
4
6
8
10
12
14
16
18
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Output P1dB vs. RF Frequency over Temperature, Lower Sideband
16
0
4
10
14
8
2
6
12
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 11. Noise Figure vs. RF Frequency over Temperature, Lower Sideband
0
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 12. IM3 vs. RF Frequency over Temperature, Upper Sideband
20
0
2
4
6
8
10
12
14
16
18
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 13. Output P1dB vs. RF Frequency over Temperature, Upper Sideband
16
0
4
10
14
8
2
6
12
0.8
1.6
1.2
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 14. Noise Figure vs. RF Frequency over Temperature, Upper Sideband


Similar Part No. - HMC8200LP5METR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
   GaN Power Amplifier
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
1Mb / 12P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
logo
Analog Devices
HMC820LP6CE AD-HMC820LP6CE Datasheet
879Kb / 12P
   FRACTIONAL-N PLLs w/ INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE_10 Datasheet
1Mb / 12P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
More results

Similar Description - HMC8200LP5METR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8100 AD-HMC8100 Datasheet
706Kb / 28P
   High linearity: supports modulations to 1024 QAM
logo
Skyworks Solutions Inc.
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
   WiGig Single Carrier Modulations
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com