Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8401-SX Datasheet(PDF) 6 Page - Analog Devices

Part # HMC8401-SX
Description  Test instrumentation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8401-SX Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC8401-SX Datasheet HTML 2Page - Analog Devices HMC8401-SX Datasheet HTML 3Page - Analog Devices HMC8401-SX Datasheet HTML 4Page - Analog Devices HMC8401-SX Datasheet HTML 5Page - Analog Devices HMC8401-SX Datasheet HTML 6Page - Analog Devices HMC8401-SX Datasheet HTML 7Page - Analog Devices HMC8401-SX Datasheet HTML 8Page - Analog Devices HMC8401-SX Datasheet HTML 9Page - Analog Devices HMC8401-SX Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HMC8401
Data Sheet
Rev. 0 | Page 6 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pad Configuration
Table 5. Pad Function Descriptions
Pad No.
Mnemonic
Description
1
RFIN
Radio Frequency (RF) Input. This pad is ac-coupled, but has a large resistor to GND for ESD protection, and
matched to 50 Ω. See Figure 3 for the interface schematic.
2
VGG2
Gain Control. This pad is dc-coupled and accomplishes gain control by bringing this voltage lower and
becoming more negative. Attach bypass capacitors to this pad as shown in Figure 43. See Figure 4 for the
interface schematic.
3
VDD
Power Supply Voltage for the Amplifier. Connect a dc bias to provide drain current (IDD). Attach bypass
capacitors to this pad as shown in Figure 43. See Figure 5 for the interface schematic.
4, 6, 7
ACG
Low Frequency Termination. Attach bypass capacitors to this pad as shown in Figure 43.See Figure 6 for
the interface schematic.
5
RFOUT
RF Output. This pad is ac-coupled, but has a large resistor to GND for ESD protection, and is matched to 50 Ω.
See Figure 7 for the interface schematic.
8
VGG1
Gate Control for the Amplifier. Adjust VGG1 to achieve the recommended bias current. Attach bypass
capacitors to this pad as shown in Figure 43. See Figure 8 for the interface schematic.
Die Bottom
GND
Die Bottom. The die bottom must be connected to RF/dc ground. See Figure 9 for the interface schematic.
34
2
ADI2014
1
87
6
5
HMC8401


Similar Part No. - HMC8401-SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8401-SX AD-HMC8401-SX Datasheet
361Kb / 17P
   Low Noise Amplifier
More results

Similar Description - HMC8401-SX

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
   Test Instrumentation
HMC144LH5 AD-HMC144LH5 Datasheet
548Kb / 8P
   Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com