Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEC60068-2-3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IEC60068-2-3
Description  Adaptor SCREW ON 1.6/5.6 III PLUG ??BNC 75 ??PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IEC60068-2-3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IEC60068-2-3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IEC60068-2-3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR, SCREW ON
1.6/5.6 III PLUG – BNC 75
 PLUG
88S171-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
75
Frequency
DC to 4 GHz
Return loss
 30 dB, DC to 1 GHz
 28 dB, 1 to 2 GHz
 20 dB, 2 to 4 GHz
Insertion loss
 0.1 dB
Insulation resistance
 10x103 M
Center contact resistance
 1.5 m, BNC side;
 4 m, 1.6/5.6 side
Outer contact resistance
 1 m, BNC side;
 2 m, 1.6/5.6 side
Test voltage
1000 V rms
Working voltage
330 V rms
RF-leakage
 90 dB up to 1 GHz (slide-on)
 100 dB up to 1 GHz (screw version)
Mechanical data
Mating cycles
 500
Engaging and disengaging force
2.2 N to 12 N (screw-on, slide-on)
18 N to 50 N (quick-lock)
Center contact captivation
 30 N
Coupling mechanism retention force
 300 N (screw version, quick-lock)
Environmental data
Temperature range
-40°C to +85°C
Climatic class
IEC 60068-2-1 40/85/21
IEC 60068-2-2
IEC 60068-2-3
Vibration
IEC 60068-2-6
10 Hz to 2000 Hz, 100m/s²
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
14.7 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
09/03/05
Sa. Krautenbacher
24.03.14
d00
14-0352
T. Krojer
24.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - IEC60068-2-3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
40Kb / 2P
   STRAIGHT PLUG
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
41Kb / 2P
   BULKHEAD JACK
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
IEC60068-2-3 ROSENBERGER-IEC60068-2-3 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
More results

Similar Description - IEC60068-2-3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
88S171-K00L5 ROSENBERGER-88S171-K00L5 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
   Adaptor BNC 75 plug ??1.6/5.6 jack
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
   Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
   Adaptor 1.6/5.6 PLUG ??JACK - PLUG
71S201-K00N5 ROSENBERGER-71S201-K00N5 Datasheet
82Kb / 2P
   BNC 75 ADAPTOR PLUG-JACK
logo
Pasternack Enterprises,...
PE36129 PASTERNACK-PE36129 Datasheet
274Kb / 1P
   CABLE ASSEMBLY, RG179B/U 1.6/5.6 PLUG TO 75 OHM BNC MALE
PE36131 PASTERNACK-PE36131 Datasheet
111Kb / 1P
   CABLE ASSEMBLY, RG187A/U,1.6/5.6 PLUG TO 75 OHM BNC MALE
logo
Rosenberger Hochfrequen...
71S301-K00N5 ROSENBERGER-71S301-K00N5 Datasheet
41Kb / 2P
   ADAPTOR BNC 75 jack ??plug - jack
logo
Tyco Electronics
2-1393682-0 MACOM-2-1393682-0 Datasheet
42Kb / 1P
   Cable plug 1.6/5.6
logo
Pasternack Enterprises,...
PE36111 PASTERNACK-PE36111 Datasheet
113Kb / 1P
   CABLE ASSEMBLY, RG179B/U,1.6/5.6 PLUG TO 1.6/5.6 PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com