Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-207 Datasheet(PDF) 5 Page - Analog Devices

Part # UG-207
Description  Evaluation Board for 1 GSPS DDS with 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-207 Datasheet(HTML) 5 Page - Analog Devices

  UG-207 Datasheet HTML 1Page - Analog Devices UG-207 Datasheet HTML 2Page - Analog Devices UG-207 Datasheet HTML 3Page - Analog Devices UG-207 Datasheet HTML 4Page - Analog Devices UG-207 Datasheet HTML 5Page - Analog Devices UG-207 Datasheet HTML 6Page - Analog Devices UG-207 Datasheet HTML 7Page - Analog Devices UG-207 Datasheet HTML 8Page - Analog Devices UG-207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Evaluation Board User Guide
UG-207
Rev. A | Page 5 of 16
EVALUATION BOARD SOFTWARE
INSTALLING THE SOFTWARE
Follow these steps to install the AD9910 evaluation software:
1.
Log into your PC system with administrative privileges.
2.
Uninstall any previous versions of the AD9910 evaluation
software from your PC system.
3.
Insert the AD9910 evaluation software CD into your
CD-ROM drive. Do not connect the AD9910 evaluation
board to the computer until the AD9910 evaluation
software has been successfully installed. Refer to the
Readme.txt
file located in the Software folder before
proceeding with the installation of the AD9910 evaluation
software.
4.
Run the setup.exe file located in the Software folder and
follow the AD9910 evaluation software onscreen
installation instructions.
INSTALLING THE DRIVER
Once the software is successfully installed onto your PC, the
next step is to interface the AD9910 evaluation software to the
AD9910 evaluation board via the USB Port (see Figure 2).
In order for the evaluation board and software to communicate
properly, drivers must be loaded onto your PC system. The
following instructions explain how to install these drivers on
your PC system.
Windows 98/ME/2000 Users
1.
Power up the AD9910 evaluation board (see Table 2).
2.
Connect the evaluation board to the computer using a USB
cable via the USB port. Then, the VBUS LED (CR1 on the
AD9910 evaluation board) illuminates. When the USB
cable is connected, the Found New Hardware Wizard
window appears.
3.
If you are using Windows 2000, click Finish in the Found
New Hardware Wizard
.
After the window has disappeared, the USB Status LED (CR2
on the AD9910 evaluation board) flashes, which indicates that
the evaluation board is connected properly.
Windows XP Users
1.
Power up the AD9910 evaluation board (see Table 2).
2.
Connect the evaluation board to the computer via the USB
port using a USB cable. Then, the VBUS LED (CR1 on the
AD9910 evaluation board) illuminates.
3.
When the USB cable is connected, the Found New
Hardware Wizard
appears. Click Next to continue to the
AD9910 Firmware Loader.
4.
Click Continue Anyway when the Hardware Installation
Warning
window appears.
5.
Click Finish in the Found New Hardware Wizard when
installation is complete.
6.
Click Next when the next Found New Hardware Wizard
appears. This is for the EZSSP device.
7.
Click Continue Anyway when the Hardware Installation
Warning
window appears.
8.
Click Finish in the Found New Hardware Wizard when
installation is complete.
Once the Found New Hardware Wizard window disappears,
the USB status LED (CR2 on the AD9910 evaluation board)
flashes, which indicates that the evaluation board is connected
properly. If the LED does not flash, verify that all power and USB
connections are properly connected.
LAUNCHING THE PROGRAM
Follow these three steps to load the AD9910 evaluation
software:
1.
Before starting the software, make sure that the AD9910
evaluation board is powered up, connected to the computer,
and that the USB status LED is flashing.
2.
Click the Start button, located at the bottom left-hand
corner of your screen.
3.
Select Programs, then the AD9910 Eval Software folder,
and then AD9910 Eval Software to load the software.
One of several status messages appears. These messages are
discussed in further detail in the next section, Status Messages
Upon Loading Software.


Similar Part No. - UG-207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2077 AD-UG-2077 Datasheet
875Kb / 11P
   Evaluating the LTC3313 5 V, 15 A Synchronous Step-Down Silent Switcher in 3 mm × 3 mm LQFN
Rev. 0
More results

Similar Description - UG-207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
   1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
REV. 0
EVAL-AD1852EB AD-EVAL-AD1852EB Datasheet
486Kb / 14P
   24-Bit Stereo DAC Evaluation Board
REV. 0
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
logo
ATMEL Corporation
TS86101G2B ATMEL-TS86101G2B Datasheet
39Kb / 2P
   4:1 10-bit 1.2 Gsps MUX-DAC
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com