Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-223 Datasheet(PDF) 6 Page - Analog Devices

Part # UG-223
Description  This user guide describes the EVAL-AD7193EBZ evaluation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-223 Datasheet(HTML) 6 Page - Analog Devices

Back Button UG-223 Datasheet HTML 2Page - Analog Devices UG-223 Datasheet HTML 3Page - Analog Devices UG-223 Datasheet HTML 4Page - Analog Devices UG-223 Datasheet HTML 5Page - Analog Devices UG-223 Datasheet HTML 6Page - Analog Devices UG-223 Datasheet HTML 7Page - Analog Devices UG-223 Datasheet HTML 8Page - Analog Devices UG-223 Datasheet HTML 9Page - Analog Devices UG-223 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
UG-223
Evaluation Board User Guide
Rev. 0 | Page 6 of 20
X-scale
This button allows the user to have a fixed x-axis or a dynamic
x-axis. When the x-axis is fixed, the number of samples to
display is entered in the X-scale Samples text box.
Analysis
Channel
The data channel to be analyzed is selected using this button.
After Sampling
The software can process the conversions as they are gathered,
or it can process the samples when the ADC has completed the
selected number of conversions.
Analyse All Samples
This feature allows you to fix the sample size used for analyzing.
Alternatively, the software can process all samples gathered.
When the Analyse Last # Samples option is selected, the
sample size must be entered in the Last # Samples text box.
The software captures all samples generated by the AD7193. If
the software fails to gather all samples, then the message shown
in Figure 6 appears. The software may drop samples for the
following reasons:
The data is being analyzed in parallel with the gathering of
samples. You should delay the analysis until the samples
are gathered.
Other programs are running on the PC.
PC is too slow.
Figure 6. Error Message when Samples Not Captured


Similar Part No. - UG-223

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UG-22D/U HIROSE-UG-22D/U Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
UG-22D/U(40) HIROSE-UG-22D/U(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Similar Description - UG-223

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1519 STMICROELECTRONICS-UM1519 Datasheet
2Mb / 40P
   This user manual describes the ZigBee
logo
Texas Instruments
PGA309EVM-USB TI-PGA309EVM-USB Datasheet
6Mb / 54P
[Old version datasheet]   This user?셲 guide describes the characteristics, operation, and use of the PGA309EVM-USB evaluation module (EVM).
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
logo
Texas Instruments
TPS62175EVM-098 TI1-TPS62175EVM-098 Datasheet
740Kb / 15P
[Old version datasheet]   This user?셲 guide describes the characteristics, operation, and use of the Texas Instruments TPS62175 evaluation module (EVM).
logo
ams AG
AS1111C AMSCO-AS1111C Datasheet
759Kb / 10P
   This document describes the AS1111C Evaluation Kit
logo
STMicroelectronics
UM1748 STMICROELECTRONICS-UM1748 Datasheet
1Mb / 17P
   This user manual describes
UM0324 STMICROELECTRONICS-UM0324 Datasheet
1Mb / 105P
   This user manual describes
logo
ams AG
AS1111A AMSCO-AS1111A Datasheet
927Kb / 10P
   This document describes the AS1111A Evaluation Kit
logo
STMicroelectronics
UM1038 STMICROELECTRONICS-UM1038 Datasheet
802Kb / 24P
   This user manual describes the STarGrid powerline modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com