Electronic Components Datasheet Search |
|
MF183C154-12 Datasheet(PDF) 1 Page - TEMIC Semiconductors |
|
MF183C154-12 Datasheet(HTML) 1 Page - TEMIC Semiconductors |
1 / 24 page 80C154/83C154 Rev.F (14 Jan. 97) 1 MATRA MHS Description TEMIC’s 80C154 and 83C154 are high performance CMOS single chip µC. The 83C154 retains all the features of the 80C52 with extended ROM capacity (16 K bytes), 256 bytes of RAM, 32 I/O lines, a 6-source 2-level interrupts, a full duplex serial port, an on-chip oscillator and clock circuits, three 16 bit timers with extra features : 32 bit timer and watchdog functions. Timer 0 and 1 can be configured by program to implement a 32 bit timer. The watchdog function can be activated either with timer 0 or timer 1 or both together (32 bit timer). In addition, the 83C154 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the RAM is saved, and the timers, the serial port and the interrupt system continue to function. In the power down mode the RAM is saved and the timers, serial port and interrupt continue to function when driven by external clocks. In addition as for the TEMIC 80C51/80C52, the stop clock mode is also available. The 80C154 is identical to the 83C154 except that it has no on-chip ROM. TEMIC’s 80C154 and 83C154 are manufactured using SCMOS process which allows them to run from 0 up to 36 MHz with Vcc = 5 V. D 80C154 : ROMless version of the 83C154µ D 80C154/83C154-12 : 0 to 12 MHz D 80C154/83C154-16 : 0 to 16 MHz D 80C154/83C154-20 : 0 to 20 MHz D 80C154/83C154-25 : 0 to 25 MHz D 80C154/83C154-30 : 0 to 30 MHz D 80C154/83C154-36 : 0 to 36 MHz D 80C154/83C154-L16 : Low power version VCC : 2.7-5.5 V Freq : 0-16 MHz For other speed and temperature range availability please consult your sales office. Features D Power control modes D 256 bytes of RAM D 16 Kbytes of ROM (83C154) D 32 Programmable I/O lines (programmable impedance) D Three 16 bit timer/counters (including watchdog and 32 bit timer) D 64 K program memory space D 64 K data memory space D Fully static design D 0.8µ CMOS process D Boolean processor D 6 interrupt sources D Programmable serial port D Temperature range : commercial, industrial, automotive, military Optional D Secret ROM : Encryption D Secret TAG : Identification number CMOS 0 to 36 MHz Single Chip 8–bit Microcontroller |
Similar Part No. - MF183C154-12 |
|
Similar Description - MF183C154-12 |