Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47FM3288SBA-125 Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM47FM3288SBA-125
Description  16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47FM3288SBA-125 Datasheet(HTML) 4 Page - Eorex Corporation

  EM47FM3288SBA-125 Datasheet HTML 1Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 2Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 3Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 4Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 5Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 6Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 7Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 8Page - Eorex Corporation EM47FM3288SBA-125 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
EM47FM3288SBA
Jul. 2012
4/40
www.eorex.com
Ball Description (Simplified)
Pin
Name
Function
G9,G10
CK,
CK
(System Clock)
CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK . Output (read) data is referenced to
the crossings of CK and
CK (both directions of crossing).
H4
CS
(Chip Select)
All commands are masked when
CS
is registered HIGH.
CS provides for external Rank selection on systems with
multiple Ranks. CS is considered part of the command code.
G11
CKE
(Clock Enable)
CKE high activates and CKE low deactivates internal clock
signals and device input buffers and output drivers. Taking CKE
low provides precharge power-down and self- refresh operation
(all banks idle), or active power-down (row active in any bank).
CKE is asynchronous for self refresh exit. After VREFCA has
become stable during the power on and initialization sequence, it
must be maintained during all operations (including self-refresh).
CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK, CK , ODT and CKE are
disabled during power-down. Input buffers, excluding CKE, are
disabled during self -refresh.
K4,J9,K3,L4,
K9,L3,K10,L2,
L9,K2,H9,L10,
K11,L11,H10,
H11
A0~A9,A10/AP,
A11,A12(
BC ),
A13, A14, A15
(Address)
Provided the row address (RA0 – RA15) for active commands
and the column address (CA0-CA9) and auto precharge bit for
read/write commands to select one location out of the memory
array in the respective bank. A10 is sampled during a precharge
command to determine whether the precharge applies to one
bank (A10 LOW) or all banks (A10 HIGH). The address inputs
also provide the op-code during Mode Register Set commands.
A12 is sampled during read and write commands to determine if
burst chop (on-the-fly) will be performed. (HIGH: no burst chop,
LOW: burst chopped). See command truth table for details.
K1,K12,H2
BA0, BA1,BA2
(Bank Address)
BA0 – BA2 define to which bank an active, read, write or
precharge command is being applied. Bank address also
determines if the mode register is to be accessed during a MRS
cycle.
H3
ODT
(On Die Termination)
ODT (registered HIGH) enables termination resistance internal to
the DDR3 SDRAM. When enabled, ODT is applied to each DQ,
DQS, DQS , DMU and DML signal. The ODT pin will be ignored if
the Mode Register MR1 is programmed to disable ODT.


Similar Part No. - EM47FM3288SBA-125

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM3288SBB EOREX-EM47FM3288SBB Datasheet
1Mb / 41P
   16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB-125 EOREX-EM47FM3288SBB-125 Datasheet
1Mb / 41P
   16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB-150 EOREX-EM47FM3288SBB-150 Datasheet
1Mb / 41P
   16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
   Double DATA RATE 3 Stack SDRAM
More results

Similar Description - EM47FM3288SBA-125

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM3288SBB EOREX-EM47FM3288SBB Datasheet
1Mb / 41P
   16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
EM47EM3288SBA EOREX-EM47EM3288SBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
   Double DATA RATE 3 Stack SDRAM
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
EM47FM1688MCA EOREX-EM47FM1688MCA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47DM0888SBA EOREX-EM47DM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBB EOREX-EM47EM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47CM1688SBB EOREX-EM47CM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBC EOREX-EM47EM1688SBC_15 Datasheet
3Mb / 37P
   Double DATA RATE 3 SDRAM
EM47DM1688SBB EOREX-EM47DM1688SBB_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com