Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPA-700B-02WG Datasheet(PDF) 7 Page - Amphenol Corporation

Part # NPA-700B-02WG
Description  Surface Mountable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPA-700B-02WG Datasheet(HTML) 7 Page - Amphenol Corporation

  NPA-700B-02WG Datasheet HTML 1Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 2Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 3Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 4Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 5Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 6Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 7Page - Amphenol Corporation NPA-700B-02WG Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Ordering Information
Warranty
NovaSensor warrants its products against defects in material and workmanship for 12 months from the date of
shipment. Products not subjected to misuse will be repaired or replaced. NovaSensor reserves the right to make
changes without further notice to any products herein. NovaSensor makes no warranty, representation or guarantee
regarding the suitability of its products for any particular application. NovaSensor does not assume any liability arising
out of the application or use of any product or circuit and specifically disclaims, and all liability, without limitation
consequential or incidental damages. The foregoing warranties are exclusive and in lieu of all other warranties, whether
written, oral, implied or statutory. No implied statutory warranty or merchantability or fitness for particular purpose shall
apply.
Model
NPA
Code Description
300
Analog Amplified Output, 3.3Vdc Excitation, Calibrated sensor
500
Analog Amplified Output, 5Vdc Excitation, Calibrated sensor
600
Zacwire —Digital Serial Output, Calibrated Sensor, 2 byte
601
Zacwire —Digital Serial Output, Calibrated Sensor, 3 byte
700
I2C - Digital output, Calibrated Sensor, 2 byte
Code Port Type
B
2 barbed ports for Gauge, Absolute and Differential pressure types**
Code Pressure Range
02W
2”H20 (0.5 KPa)
05W
5”H20 (1.24 KPa)
Code
Pressure Type
G
Gauge
D
Differential
NPA -
700 B - 02W
D
EXAMPLE
• Contact NovaSensor for custom port options.
• Refer to application guide 910-289 for more information.
• Product is RoHS:2010 compliant.


Similar Part No. - NPA-700B-02WG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-700 ETC1-NPA-700 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
NPA-700 ETC2-NPA-700 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
More results

Similar Description - NPA-700B-02WG

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
   Surface Mountable
logo
Anaren Microwave
C0409J5003AHF ANAREN-C0409J5003AHF Datasheet
180Kb / 6P
   Surface Mountable
1E1305-3 ANAREN-1E1305-3 Datasheet
349Kb / 2P
   Surface Mountable
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
   Surface Mountable
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
   Surface Mountable
logo
List of Unclassifed Man...
5022-151J ETC1-5022-151J Datasheet
37Kb / 2P
   Surface Mountable Inductors
logo
API Delevan
5022R API-5022R Datasheet
1Mb / 1P
   Surface Mountable Inductors
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
   SURFACE MOUNTABLE PHOTO INTERRUPTER
logo
IXYS Corporation
IXGH50N60A IXYS-IXGH50N60A Datasheet
92Kb / 4P
   HiPerFAST IGBT - Surface Mountable
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
   surface Mountable RFI Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com