Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2570-20B Datasheet(PDF) 7 Page - Amphenol Corporation

Part # X2570-20B
Description  RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

X2570-20B Datasheet(HTML) 7 Page - Amphenol Corporation

  X2570-20B Datasheet HTML 1Page - Amphenol Corporation X2570-20B Datasheet HTML 2Page - Amphenol Corporation X2570-20B Datasheet HTML 3Page - Amphenol Corporation X2570-20B Datasheet HTML 4Page - Amphenol Corporation X2570-20B Datasheet HTML 5Page - Amphenol Corporation X2570-20B Datasheet HTML 6Page - Amphenol Corporation X2570-20B Datasheet HTML 7Page - Amphenol Corporation X2570-20B Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Ordering Information
RF Thermal Validation System
RF Steam in Place Application
X2570-20B
RF ValProbe® Logger with External 20” Bendable
Temperature Probe and RH Sensor
X2571-20B
RF ValProbe® with External 20” Bendable temperature Probe,
RH Sensor, 0-10v Voltage input and Contact Closure which
accomodates Kaye Pressure Transducer
X2572-20B
RF ValProbe® with External 20” Bendable temperature Probe,
RH Sensor, 4-20mA Current Input and contact closure
X2576
Kaye Pressure Transducer 110V
X2576E
Kaye Pressure Transducer 220V
K0448
Feedthru triclover clamp
M1989
SmartGasket® Silicone gasket
* Please contact factory if different probe lengths are required.
dsX2558
RF ValProbe Base Station includes USB Cable, PC
Software and User Manual
X2570-12
Logger with Single 12” External Temperature Probe,
Internal RH Sensor, no auxiliary inputs
X2570-18
Logger with Single 18” External Temperature Probe,
Internal RH Sensor, no auxiliary inputs
X2570-36
Logger with Single 36” External Temperature Probe,
Internal RH Sensor, no auxiliary inputs
X2570S-L
Specify 1 or 3 standard lenght; custom length
available on request
X2571-12
Logger with Single 12” External Temperature Probe,
Internal RH Sensor with contact switch and
0-10V Voltage auxiliary Input
X2571-18
Logger with Single 18” External Temperature Probe,
Internal RH Sensor with contact switch and
0-10V Voltage auxiliary Input
X2571-36
Logger with Single 36” External Temperature Probe,
Internal RH Sensor with contact switch and
0-10V Voltage auxiliary Input
X2571S-L
Specify 1 or 3 standard lenght; custom length
available on request
X2572-12
Logger with Single 12” External Temperature Probe,
Internal RH Sensor with contact switch and
4-20mA current loop auxiliary Input
X2572-18
Logger with Single 18” External Temperature Probe,
Internal RH Sensor with contact switch and
4-20mA current loop auxiliary Input
X2572-36
Logger with Single 36” External Temperature Probe,
Internal RH Sensor with contact switch and
4-20mA current loop auxiliary Input
X2572S-L
Specify 1 or 3 standard lenght; custom length
available on request
X2563
Internal Temperature and RH Logger, Voltage
and Contact Auxiliary
X2564
InternalTemperatureandRHLogger,4/20mACurrent
and Contact Auxiliary
X6030
RFValProbeIQ/OQProtocol
X6035
RF ValProbe Validation Reference (DQ) Package
X2573-3
RF ValProbe Dual Channel Logger with external
3” Temperature Probes
X2573-6
RF ValProbe Dual Channel Logger with external
6” Temperature Probes
X2573S-L
RF ValProbe Dual Channel Logger with external L’
Temperature Probes
X2574-6
RF ValProbe Five Channel Logger with external
6” Temperature Probes
X2574-15
RF ValProbe Five Channel Logger with external
15” Temperature Probes
X2574S-L
RF ValProbe Five Channel Logger with external L’
Temperature Probes


Similar Part No. - X2570-20B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020D ICMIC-X25020D Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DG ICMIC-X25020DG Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DP ICMIC-X25020DP Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X2570-20B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6000B SILABS-SLWSTK6000B Datasheet
2Mb / 34P
   EFR32MG12 2.4 GHz Mesh Networking Starter Kit
Rev. 1.02
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
   2.4 GHz ISM RF Application
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com