Electronic Components Datasheet Search |
|
NPC-1210-005-A-3-S Datasheet(PDF) 2 Page - Amphenol Corporation |
|
NPC-1210-005-A-3-S Datasheet(HTML) 2 Page - Amphenol Corporation |
2 / 4 page Description TheNPC-1210seriesofsolid-statepressuresensors aredesignedtoprovideacosteffectivesolutionfor applicationsthatrequirecalibratedperformanceover awidetemperaturerange.Packagedinadual-in-line configuration,theNPC-1210Seriesisintendedforprinted circuitboardmounting.Optionalpressureportandlead configurationsprovidesuperiorflexibilityinlowprofile applicationswherepressureconnectionorientationis critical. TheNPC-1210seriesisbasedonNovaSensor’sadvanced SenStable®piezoresistivesensingtechnology.Silicon micromachiningtechniquesareusedtoionimplant piezoresistivestraingagesintoaWheatstonebridge configuration.TheNPC-1210Seriesofferstheadded advantageofsuperiortemperatureperformanceoverthe temperaturecompensatedrangeof0°Cto60°C(32°Fto 140°F).AgainsetresistorisincludedtonormalizetheFSO forfieldinterchangeability. I NPC-1210 Series Schematic Diagram NPC-1210 Series Package Diagram NPC-1210SeriesSpecifications PressureSensor Lead Connection 1 -Out 2 -In 3 +Out 4 +In 5,6 Gain-SetResistor 7,8 NoConnection 1.5mA +In Gain Set 1 + A2 - - A3 + 5 R 100kW Ground 3.012V AmplifiedFSO 100kW R -Out 6 - + -In +Out 782 NC NC 4 3 G6 876 5 0.2in (5.1mm) 0.32in (8.1mm) 0.12in(3.05mm) 12 34 0.37in(9.4mm) Usedforpositivedifferential 0.60in(15.24mm) 0.1in (2.54mm) 0.15in (3.8mm) Diameter0.127in (3.23mm),Twotubes Notused forabsolute 0.167in (4.2mm) Notused forgauge (1) (3) 8X0.34in (8.6mm) Ceramic substrate 8X0.07in (1.78mm) 8X0.02in(0.51mm) 1. All dimensions are for reference only. 2. Tube length: L = 0.49 in (12 mm), S = 0.33 in (8.3 mm), N = No tube 3. Lead pins can be either in the same or the opposite direction of the pressure tube. Option (1) has the leads in the "Up" position, the same direction as the tube. Option (3) has the leads in the "Down" position, the opposite direction from the tube. |
Similar Part No. - NPC-1210-005-A-3-S |
|
Similar Description - NPC-1210-005-A-3-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |