Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2255 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 4 Page - Integrated Device Technology

  F2255 Datasheet HTML 1Page - Integrated Device Technology F2255 Datasheet HTML 2Page - Integrated Device Technology F2255 Datasheet HTML 3Page - Integrated Device Technology F2255 Datasheet HTML 4Page - Integrated Device Technology F2255 Datasheet HTML 5Page - Integrated Device Technology F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
4
REV 4, January 2017
F2250NLGK
Datasheet
F2250 SPECIFICATION
Refer to EVKit / Applications Circuit, VDD = +3.3V, TC = +25°C, signals applied to RF1 input, FRF = 2000MHz,
minimum attenuation, PIN = 0dBm for small signal parameters, +20dBm for single tone linearity tests, +20dBm per
tone for two tone tests, two tone delta frequency = 50MHz, PCB board traces and connector losses are de-embedded
unless otherwise noted. Refer to Typical Operating Curves for performance over entire frequency band.
Parameter
Symbol Comment
Min
Typ
Max
Units
Insertion Loss, IL
(Minimum Attenuation)
AMIN
2GHz
1.4
1.9 1
dB
3GHz
1.6
6GHz
2.6
3.1
Maximum Attenuation
AMAX
34 2
35
dB
Insertion Phase Δ
ΦΔMAX
At 36dB attenuation
relative to Insertion Loss
27
deg
ΦΔMID
At 18dB attenuation
relative to Insertion Loss
10
Input 1dB Compression 3
P1dB
34.4
dBm
Minimum RF1 Return Loss
over control voltage range
S11
50MHz 4
16
dB
700MHz
17
2000MHz
17
6000MHz
15
Minimum RF2 Return Loss
over control voltage range
S22
50MHz 4
16
dB
700MHz
15
2000MHz
16
6000MHz
13
Input IP3
IIP3
65
dBm
Input IP3 over Attenuation
IIP3ATTEN
All attenuation settings
44
47
Minimum Output IP3
OIP3MIN
Maximum attenuation
35
Input IP2
IIP2
PIN + IM2dBC,
IM2 term is F1+F2
95
dBm
Minimum Input IP2
IIP2MIN
All attenuation settings
87
dBm
Input IH2
HD2
PIN + H2dBc
90
dBm
Input IH3
HD3
PIN + (H3dBc/2)
54
dBm
Settling Time
TSETTL0.1dB
Any 1dB step in the 0dB
to 33dB control range
50% VCTRL to RF settled to
within ± 0.1dB
15
µsec
Specification Notes:
1 – Items in min/max columns in
bold italics are Guaranteed by Test.
2 – Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
3 – The input 1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section.
along with Figure 1 for the maximum RF input power vs. RF frequency.
4 – Set blocking capacitors C7 & C8 to 0.01uF to achieve best return loss performance at 50MHz.


Similar Part No. - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2255 IDT-F2255 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2255 IDT-F2255 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Integrated Device Techn...
F2255NLGI IDT-F2255NLGI Datasheet
94Kb / 3P
   PRODUCT/PROCESS CHANGE NOTICE (PCN)
F2255NLGI8 IDT-F2255NLGI8 Datasheet
94Kb / 3P
   PRODUCT/PROCESS CHANGE NOTICE (PCN)
More results

Similar Description - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
   Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
logo
Integrated Device Techn...
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com