Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1956 Datasheet(HTML) 3 Page - Integrated Device Technology

  F1956 Datasheet HTML 1Page - Integrated Device Technology F1956 Datasheet HTML 2Page - Integrated Device Technology F1956 Datasheet HTML 3Page - Integrated Device Technology F1956 Datasheet HTML 4Page - Integrated Device Technology F1956 Datasheet HTML 5Page - Integrated Device Technology F1956 Datasheet HTML 6Page - Integrated Device Technology F1956 Datasheet HTML 7Page - Integrated Device Technology F1956 Datasheet HTML 8Page - Integrated Device Technology F1956 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
F1956
Rev 2 04/08/2016
3
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage(s)
VDD
3.00
5.25
V
Operating Temperature Range
TCASE
Case Temperature
-40
+105
°C
Frequency Range
FRF
1
6000
MHz
RF CW Input Power
PCW
RF1 or RF2
See
Figure 1
dBm
RF Peak Input Power
Ppeak
RF1 Port, VDD = 3.3V,
TCASE= 85 °C,
FRF > 500 MHz,
WCDMA, 3GPP,
Downlink, 64 DPCH,
Chip rate =3.84 MSPS,
Avg. Pin = +22 dBm
1 %
28.9
dBm
0.1 %
30.7
0.01 %
32.3
0.001 %
33.2
RF Source Impedance
ZRFI
Single Ended
50
Ω
RF Load Impedance
ZRFO
Single Ended
50
Ω
Figure 1 - Maximum Operating RF input power vs Input frequency
0
4
8
12
16
20
24
28
32
0.01
0.10
1.00
10.00
100.00
1000.00
Frequency (MHz)


Similar Part No. - F1956

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956NBGI RENESAS-F1956NBGI Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com