Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956NBGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # F1956NBGI8
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1956NBGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  F1956NBGI8 Datasheet HTML 1Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 2Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 3Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 4Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 5Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 6Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 7Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 8Page - Integrated Device Technology F1956NBGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
F1956
Rev 2 04/08/2016
5
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956 SPECIFICATION (CONTINUED)
Specifications apply at VDD = +3.3 V, TCASE = +25°C, FRF = 2 GHz, 0.25 dB steps unless otherwise noted. Minimum
Attenuation D[6:0] = [0000000], Maximum Attenuation D[6:0] = [1111111], EVKit losses are de-embedded unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Insertion Loss
IL
1 MHz < FRF ≤ 2 GHz
1.3
1.8
dB
2 GHz < FRF ≤ 3 GHz
1.3
1.9
3 GHz < FRF ≤ 4 GHz
1.6
2.2
4 GHz < FRF ≤ 5 GHz
2.1
2.6
5 GHz < FRF ≤ 6 GHz
2.6
3.0
Relative Phase
(Amin vs. Amax)
ΦΔ
FRF = 1 GHz
12
deg
FRF = 2 GHz
25
FRF = 4 GHz
55
FRF = 6 GHz
90
Step Error
(Differential Non-Linearity)
DNL
Max error between adjacent
steps
0.10
0.19
dB
Absolute Attenuation Error
(Integral Non-Linearity)
INL
Max Error for state 19.75 dB,
FRF = 2 GHz
-0.4
0.1
+0.5
dB
Max Error, over all states
FRF = 2 GHz
-0.8
+0.5
Input Return Loss
S11
1 MHz < FRF ≤ 2 GHz
20
15
dB
2 GHz < FRF ≤ 4 GHz
20
15
4 GHz < FRF ≤ 6 GHz
14
7
Output Return Loss
S22
1 MHz < FRF ≤ 2 GHz
18
14
dB
2 GHz < FRF ≤ 4 GHz
16
12
4 GHz < FRF ≤ 6 GHz
11
7
Input IP3
IIP3
PIN = +10 dBm per tone
50 MHz Tone Separation
Attn = 0.00 dB
64
dBm
Attn = 15.75 dB
64
Attn = 31.75 dB
64
Attn = 0.00 dB
PIN = +22 dBm per tone
1 MHz Tone Separation
FRF = 0.7 GHz
60
63.4
dBm
FRF = 1.8 GHz
60
63.4
FRF = 2.2 GHz
60
64.1
FRF = 2.6 GHz
60
63.3
Input 0.1dB Compression3
P0.1dB
FRF = 2 GHz, Attn = 10 dB
34.5
dBm
Specification Notes:
Note 1:
Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2:
Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3.
The input 0.1 dB compression point is used as a linearity figure of merit. The recommended maximum input power is specified as the
lesser of the two values from RF CW Power (Figure 1) and the RF Average Power (Recommended Operating Conditions Table)..
Note 4:
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.


Similar Part No. - F1956NBGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956NBGI RENESAS-F1956NBGI Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956NBGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com