Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54-367-008 Datasheet(PDF) 5 Page - API Technologies Corp

Part # 54-367-008
Description  High temperature terminal construction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-008 Datasheet(HTML) 5 Page - API Technologies Corp

  54-367-008 Datasheet HTML 1Page - API Technologies Corp 54-367-008 Datasheet HTML 2Page - API Technologies Corp 54-367-008 Datasheet HTML 3Page - API Technologies Corp 54-367-008 Datasheet HTML 4Page - API Technologies Corp 54-367-008 Datasheet HTML 5Page - API Technologies Corp 54-367-008 Datasheet HTML 6Page - API Technologies Corp 54-367-008 Datasheet HTML 7Page - API Technologies Corp 54-367-008 Datasheet HTML 8Page - API Technologies Corp 54-367-008 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
ø .385 Max.
(9.78)
L
A/B
.160
(4.064)
Max.
.200
(5.08)
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.200
(5.08)
.150
(3.81)
Max.
A/B
.115 Ref.
(2.92)
ø .060
(1.524) Ref.
Both ends
1/4–28 Unf–2A Thd.
F
.190 Max.
(3.81)
ø .385 Max.
(9.78)
L
Thread length:
A - 0.187 (4.76)
B - 0.312 (7.92)
Note: ø .410 Max. for
M28861 parts
85°C
125°C
Rated Voltage
DC
AC
44
21
16
16
15
15
70
52
31
33
28
28
70
64
37
44
33
33
70
70
55
70
46
44
70
70
70
70
70
60
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit Standard Product
51-353-007
51-353-095
51-353-003
51-353-099
51-353-100
¦
9200-300-0025
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
LB
LT
LB
LT
LT
LB
1.400
1.400
1.400
1.400
1.400
1.200
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
80
80
50
50
50
50
50
50
DC
AC
MIL
No
Max
L
0.770
0.960
0.770
0.770
0.770
0.450
(19.558)
(24.384)
(19.558)
(19.558)
(19.558)
(11.430)
In
(mm)
DCR
Max
Ohms
70.000
12.000
1.200
0.250
0.015
0.010
Thd
Lgth
A
A
A
A
A
A
I
Amp
0.06
0.15
0.45
1.00
5.00
10.00
¦
Also available through API’s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
.375 ø L Circuit
Dimensions in inches
(mm)
LP30


Similar Part No. - 54-367-008

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
54-367-008 SPECTRUM-54-367-008 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
54-367-008 APITECH-54-367-008 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 54-367-008

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9909-008 APITECH-SCI-9909-008 Datasheet
121Kb / 1P
   High temperature construction
logo
CTS Corporation
73WL CTS-73WL Datasheet
222Kb / 4P
   Thick Film Construction ??Wide Terminal Configuration
logo
Weidmuller
0280200000 WEIDMULLER-0280200000 Datasheet
49Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0348900000 WEIDMULLER-0348900000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0401460000 WEIDMULLER-0401460000 Datasheet
44Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), plastic
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
   High Temperature Ceramic Terminal Blocks
logo
Omron Electronics LLC
D2S OMRON-D2S_12 Datasheet
609Kb / 5P
   One-piece terminal construction to keep out flux
logo
Weidmuller
0514400000 WEIDMULLER-0514400000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
0270100000 WEIDMULLER-0270100000 Datasheet
53Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, Copper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com