Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T9602-3-A Datasheet(PDF) 3 Page - Amphenol Corporation

Part # T9602-3-A
Description  Fully calibrated and temperature compensated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T9602-3-A Datasheet(HTML) 3 Page - Amphenol Corporation

  T9602-3-A Datasheet HTML 1Page - Amphenol Corporation T9602-3-A Datasheet HTML 2Page - Amphenol Corporation T9602-3-A Datasheet HTML 3Page - Amphenol Corporation T9602-3-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Method
CapacitivepolymerRHSensor,PTA(Proportionalto
Absolute)integratedtemperaturesensor.
Operating Conditions
• -20°Cto70°C
• 0%to100%RH
Storage Conditions
• -40°Cto85°C
Output Modes
• DigitalModels-I2C
• AnalogueModels-PDM(Convertibletoanalogue)
Power Supply Requirements
• 3.3VDCor5.0VDC±5%(Nominalvoltageis
modeldependent)
Current Consumption
• 750µA(typical)
Cable
• OuterDiameter4.20±0.20mm,4Core,shielded,
doubleinsulatedandflexible
• Varyinglengthsdependentonthemodel.Referto
theorderingInformation
Connector
• Manufacturer-JST
• SensorConnectorHousing-PartNumberEHR-4
• SensorConnectorHeader-PartNumbersB4B-
EH-AorS4B-EH
Mounting Options
• GrommetorcablePClamp
• PClamp-9.53mmHellermannTyton(MPN
T3D03750M4)orequivalent
• Grommet–11mmAdvancedAntivibration
Components(MPNV12R30M16004616)or
equivalent.
Approvals and Qualifications
• RoHS/REACHCompliant
• IP67Certified
• HalogenFreeDesign
• CableULVW-1Certified
Warranty Terms
• 12months
HardwareandEnvironmentalSpecifications
InternalWiringDiagrams
T9602DigitalWiringDiagram
T9602AnalogWiringDiagram


Similar Part No. - T9602-3-A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
T9602 VBSEMI-T9602 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - T9602-3-A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com