Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB100-HDW5P-BAC Datasheet(PDF) 3 Page - Amphenol Corporation

Part # TB100-HDW5P-BAC
Description  Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TB100-HDW5P-BAC Datasheet(HTML) 3 Page - Amphenol Corporation

  TB100-HDW5P-BAC Datasheet HTML 1Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 2Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 3Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 4Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 5Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 6Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 7Page - Amphenol Corporation TB100-HDW5P-BAC Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sensing Method
• Non-dispersiveinfrared(NDIR)absorption
• Gold-platedoptics
• PatentedABCLogicselfcalibrationalgorithm
CO
2 Measurement Range
T8100/T8200/T8300
0to2000ppm(0ppm=0V,4mA;
2000ppm=10/5V,20mA)
T8100/T8200/T8300-5Pmodels
0to5000ppm(0ppm=0V,4mA;
5000ppm=10/5V,20mA)
T8200(10Pmodels)0to10,000ppm
(0ppm=0V,4mA;10,000ppm=10/5V,20mA)
T8200(20Pmodels)0to20,000ppm
(0ppm=0V,4mA;20,000ppm=10/5V,20mA)
CO
2 Accuracy
±30ppmor3%ofthereadingshown,whicheverishigher*
Power Supply Requirements
18-30VACRMS,50/60Hz,or10.8to42VDC,
polarityprotected
Power Consumption
Typical0.7Watnominalvoltageof24VACRMS
Temperature Dependence
0.2%FSper°C(±0.11%per°F)
Stability
T8100/T8300-SingleChannel
<2%ofFSoverlifeofsensor(15years)
T8200-DualChannel
<5%ofFSor<10%readingannualoverlifeofsensor
(10years)
Pressure Dependence
0.135%ofreadingpermmHg
Warranty
24monthsonmechanicaldefects
Calibration-lifetimewarrantyforT8100andT8300series
Certifications
CEandRoHScompliant
Signal Update
Every5seconds
*C0
2 accuracy statement excludes standard gas used for
calibration that has an accuracy of 2%. In addition, there
is a potential digital to analog error of up to 1%.
CO
2 Warm-up Time
• <2minutes(operational)
• 10minutes(maximumaccuracy)
Operating Conditions
• 32°Fto122°F(0°Cto50°C)
• 0to95%RH,non-condensing
Storage Conditions
-40°Fto158°F(-40°Cto70°C)
Flammability Classification
UL945VA
Passive Thermistor Type (not Bacnet version)
NTC10KW thermistor
Thermistor Accuracy
±1°C(15°to35°C)
RH Sensing Element
Capacitivepolymersensor
RH Range
0%to99%RH(non-condensing)
RH Accuracy (25°C)
±2.5%RH(20to80%RH)
±3.5%RH(<20%and>80%RH)
Active Temperature Accuracy
±0.8°C@22°C
Active Temperature Range
32°Fto122°F(0to50°C)
Note: Active analog output standard and only available on
T8100-R and T8100-H versions.
Output
Analog Version
• 0to10V(100Woutputimpedance)and
• 4to20mA(R
Lmaximum500W)availablesimultaneously
BACnet Version
• MS/TP
• RS485
• Baudrates38400or9600
WallMountSpecifications
3


Similar Part No. - TB100-HDW5P-BAC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-04SP COOPER-TB100-04SP Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
More results

Similar Description - TB100-HDW5P-BAC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T8000 AMPHENOL-T8000 Datasheet
154Kb / 4P
   Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
T5100 AMPHENOL-T5100 Datasheet
129Kb / 4P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
   High-accuracy Sensing with a Thin, Compact Body.
logo
Sharp Corporation
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
   Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S56T SHARP-GP1S56T Datasheet
51Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
logo
Analog Devices
DAC1146 AD-DAC1146_15 Datasheet
1Mb / 4P
   LOW COST HIGH ACCURACY 18 BIT D/A CONVERTER
logo
Intronics Power, Inc.
DAC1146 INTRONICS-DAC1146 Datasheet
786Kb / 4P
   Low Cost/High Accuracy 18-Bit D/A Converter
logo
Ohmite Mfg. Co.
ACL-TFBR OHMITE-ACL-TFBR Datasheet
409Kb / 2P
   The TFBR series provides high power density in a low profile package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com