Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7001D Datasheet(PDF) 3 Page - Amphenol Corporation

Part # T7001D
Description  Identify areas with low or substandard ventilation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T7001D Datasheet(HTML) 3 Page - Amphenol Corporation

  T7001D Datasheet HTML 1Page - Amphenol Corporation T7001D Datasheet HTML 2Page - Amphenol Corporation T7001D Datasheet HTML 3Page - Amphenol Corporation T7001D Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Method
Dualbeam,AbsorptionInfrared
Sample Method
Diffusionorflowthrough(50to100ml/min)
Display-LCD
IndependentCO2andtemperaturereadings.Calculates
anddisplaysventilationrates.
General
Operating Conditions
• 32°Fto122°F(0°Cto50°C)
• 0to95%RH,non-condensing
Storage Temperatures
-4°Fto140°F(-20°Ctp60°C)
Certification
CE
FCCClass15PartB
Warranty
18monthspartsandlabor
Performance—CO2 Channel
Measurement Range
•0to10,000ppmdisplay
•0to4000ppmvoltageoutput
Display Resolution
±1ppm
Accuracy
0–2000ppm:±50ppmor5%ofreading,whicheveris
greater
2000–10000ppm:+/-10%ofthereading
Repeatability
±20ppmor2%ofthereadingwhicheverisgreater
Temperature Dependence
0–2000ppm:±0.1%ofreadingper°Cor±2ppmper
°C,whicheverisgreater,referencedat25°C.
2000–10000ppm:±0.2%ofreadingper°Creferenced
at25°C
Pressure Dependence
0.13%ofreadingpermmHg(correctedviauserinput
forelevation)
Response Time
<60secondsfor90%ofstepchange
Warm-Up Time
<60secondsat72°F(22°C)
Calibration Interval
12months,offsetadjustmentusingsinglegasat
0to1000ppmCO2.Fullfactorycalibrationavailable.
Performance—Temperature Channel
Temperature Range
• Voltageoutput:32°Fto104°F(0°Cto40°C)
• Display:32°Fto122°F(0°Cto50°C)
Display Resolution
0.1°F(0.1°C)
Display Options
°F,°C
Accuracy
±2°F(±1°C)
Response Time
20to30minutes(casemustequilibratewith
environment)
Calibration Interval
12months,offsetadjustmentusingtemperature
standardat50°Fto86°F(10°Cto30°C).Fullfactory
calibrationavailable.
Output—Analog
CO2
0to4VDC,1mV/ppm(4000ppmmaximum)
Temperature
0to4VDClinear,32°Fto104°F(0°Cto40°C)
Output Impedance
100ohms
Digital Output
RS232forusewithTelaireCO2Viewgraphingsoftware
Wiring Connection
OneRJ45toconnectordualanalogoutputplusdigital
output
T7000SeriesSpecifications


Similar Part No. - T7001D

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700100 E-SWITCH-T700100 Datasheet
30Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
T700101 E-SWITCH-T700101 Datasheet
30Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
logo
Powerex Power Semicondu...
T7001025 POWEREX-T7001025 Datasheet
241Kb / 6P
   Phase Control SCR (250-350 Amperes 200-2200 Volts)
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
logo
Powerex Power Semicondu...
T7001030 POWEREX-T7001030 Datasheet
241Kb / 6P
   Phase Control SCR (250-350 Amperes 200-2200 Volts)
More results

Similar Description - T7001D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35273 ETC2-35273 Datasheet
767Kb / 1P
   IDENTIFY YOUR WORKSTATION
logo
Shenzhen Huazhimei Semi...
HM2516 HMSEMI-HM2516 Datasheet
344Kb / 4P
   Identify current limiting IC
logo
FIBOX Enclosing innovat...
8280004 FIBOX-8280004 Datasheet
37Kb / 1P
   Ventilation grid
26.07.2023
logo
SHENZHEN FUMAN ELECTRON...
FM5889C FUMAN-FM5889C Datasheet
719Kb / 6P
   Identify current limiting IC
FM5889 FUMAN-FM5889 Datasheet
140Kb / 4P
   Identify current limiting IC
logo
PHOENIX CONTACT
UNIFOX-WP-DB PHOENIX-UNIFOX-WP-DB Datasheet
51Kb / 2P
   Notched grip areas
logo
Hammond Manufacturing L...
PPG HAMMOND-PPG Datasheet
69Kb / 1P
   Panneau de ventilation
logo
FIBOX Enclosing innovat...
3540631 FIBOX-3540631 Datasheet
40Kb / 1P
   Ventilation device IP 33
17.08.2023
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
   Ventilation device IP 44
17.08.2023
logo
OSRAM GmbH
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
   video walls in outdoor areas
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com