Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-9980-272 Datasheet(PDF) 2 Page - API Technologies Corp

Part # SCI-9980-272
Description  Miniature Solder-in Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-9980-272 Datasheet(HTML) 2 Page - API Technologies Corp

  SCI-9980-272 Datasheet HTML 1Page - API Technologies Corp SCI-9980-272 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Minimum Insertion Loss (dB)
SCI-9900-153
SCI-9900-303
¦
SCI-9910-272
¦
SCI-9910-502
SCI-9900-000
¦
SCI-9920-101
¦
SCI-9920-501
¦
SCI-9920-122
50
50
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number*
* For reverse glass seal add an “R” to the end of the part number (SCI-9900-153R).
¦
Also available through API’s authorized distributors.
Parts are RoHS Compliant
Miniature Solder-in C Circuit
Figure
DC
AC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
115
115
115
5
5
5
5
5
5
5
5
0.015 µF
0.030 µF
2700 pF
5000 pF
4 pF max.
100 pF
500 pF
1200 pF
7
10
25
30
10
15
5
30
35
18
20
10
40
45
25
30
3
15
20
40
50
33
35
10
22
28
60
55
40
45
10
20
35
35
60
55
50
55
10
28
40
45
Minimum Insertion Loss (dB)
SCI-9980-100
SCI-9980-101
SCI-9980-102
SCI-9980-103
SCI-9980-122
SCI-9980-152
SCI-9980-153
SCI-9980-250
SCI-9980-272
SCI-9980-273
SCI-9980-333
SCI-9980-501
SCI-9980-502
200
200
200
200
200
200
200
200
200
50
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number*
* Reverse seal available. Add R at the end of the part number. (SCI-9980-102R).
Note: Hi-rel versions available. Add R after the first dash. (SCI-R9980-102).
Lt circuit part number series SCI-9981-XXX.
Parts are RoHS Compliant
Miniature Solder-in L Circuit
Figure
DC
100
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
1
1
1
1
1
10
10
10
10
10
10
10
10
10
10
10
10
10
10 pF
100 pF
1000 pF
.01 uF
1200 pF
1500 pF
.015 uF
25 pF
2700 pF
27,000 pF
.033 uF
500 pF
5000 pF
8
10
8
13
13
8
8
27
8
10
28
13
33
35
17
5
25
48
28
28
50
32
53
55
18
35
7
22
40
65
42
43
65
13
45
75
75
37
47
20
35
42
65
50
53
65
25
55
75
75
38
55
Miniature Solder-in Filters
9900 Series
LP9


Similar Part No. - SCI-9980-272

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9980-101 APITECH-SCI-9980-101 Datasheet
37Kb / 1P
   FEEDTHRU FILTER
SCI-9980-103 APITECH-SCI-9980-103 Datasheet
37Kb / 1P
   FEEDTHRU FILTER
SCI-9980-502 APITECH-SCI-9980-502 Datasheet
37Kb / 1P
   FEEDTHRU FILTER
More results

Similar Description - SCI-9980-272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCI-9910-502 ETC2-SCI-9910-502 Datasheet
80Kb / 1P
   Miniature Solder-in Filters
logo
API Technologies Corp
61-MPC APITECH-61-MPC Datasheet
142Kb / 2P
   Miniature PCB Power Filters
61-MPC-010-1-11 APITECH-61-MPC-010-1-11 Datasheet
142Kb / 2P
   Miniature PCB Power Filters
logo
BOWEI Integrated Circui...
DVT30-90 BOWEI-DVT30-90 Datasheet
309Kb / 4P
   Miniature Digitally Tuned Filters
logo
Adam Technologies, Inc.
MR36-PA-2 ADAM-TECH-MR36-PA-2 Datasheet
127Kb / 1P
   MINIATURE RIBBON SOLDER TERMINALS
logo
PowerDynamics, Inc
42R51-5128 POWERDYNAMICS-42R51-5128 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, SOLDER TERMINALS
logo
API Technologies Corp
9900F-381-6004 APITECH-9900F-381-6004 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
1214-029 APITECH-1214-029 Datasheet
43Kb / 1P
   SOLDER-IN FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com