Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6613-C Datasheet(PDF) 3 Page - Amphenol Corporation

Part # T6613-C
Description  An affordable gas sensing solution for OEMs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T6613-C Datasheet(HTML) 3 Page - Amphenol Corporation

  T6613-C Datasheet HTML 1Page - Amphenol Corporation T6613-C Datasheet HTML 2Page - Amphenol Corporation T6613-C Datasheet HTML 3Page - Amphenol Corporation T6613-C Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Automatic Background Logic, or ABC Logic, is a
patented self-calibration technique that is designed to
be used in applications where concentrations will drop
to outside ambient conditions (400 ppm) at least three
times in a 14 day period, typically during unoccupied
periods.
*Full accuracy to be achieved utilizing ABC Logic. With
ABC Logic enabled, the sensor will typically reach its
operational accuracy after 25 hours of continuous
operation at a condition that it was exposed to ambient
reference levels of air at 400 ppm ±10 ppm CO2. Sensor
will maintain accuracy specifications with ABC Logic
enabled, given that it is at least four times in 21 days
exposed to the reference value and this reference
value is the lowest concentration to which the sensor
is exposed. ABC Logic requires continuous operation of
the sensor for periods of at least 24 hours. Note: Applies
when used in typical residential ambient air. Consult
Telaire if other gases or corrosive agents are part of the
application environment.
Pin Designations
Connector Pinout
Function
A
TX (UART)
B
RX (UART)
C
V+(5VDC)
1
V+(5VDC)
2
GND
3
GND
4
AV OUT (0 to 4 VDC)
5
I2C SCL
6
No Connect
7
I2C SDA
8
No Connect
9
No Connect
10
TX (UART)
11
RX (UART)
12
GND
Module 6613-F (Flow Through)
The diffusion membrane is replaced with a non-
permeable seal. The two flow ports can be used
for flow through sampling. Flow rate of 50 cc/min
recommended.
Handling and Installation
The T6613 CO2 OEM modules are infrared gas sensors
on a printed circuit board and should be treated
carefully. Precautions should be taken to observe
specified limits and prevent damage from electrostatic
discharge or rough handling. Please refer to ANSI/ESD
S20. 20-1999 for more information on preventing ESD
damage and IPC 610 Rev D for more information on
proper electronic assembly practices.
Calibration
Telaire does not recommend the customer recalibrate
the T6613 module after installation. The sensor ABC
Logic algorithm will begin after 24 hours, adjusting the
sensor measurement resulting in sensor-to-sensor
consistency. If immediate consistency is desired, the
sensors may be single point calibrated using pre-mixed
reference gas or ambient air measured by a reference
sensor.
Available Models
Part Number
Sampling Method
Measurement Range
T6613
Diffusion
0-2,000 ppm
T6613-F
Flow Through
0-2,000 ppm
T6613-C
Diffusion with gas ports
0-2,000 ppm
T6613-R12
Diffusion, 12 second rate
0-2,000 ppm
T6613-5K
Diffusion
0-5,000 ppm
T6613-5KF
Flow through
0-5,000 ppm
T6613-5KC
Diffusion with gas ports
0-5,000 ppm


Similar Part No. - T6613-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T6613-F ETC2-T6613-F Datasheet
123Kb / 4P
   Telaire 6613 CO2 Module
More results

Similar Description - T6613-C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
6703 AMPHENOL-6703 Datasheet
122Kb / 4P
   An affordable gas sensing solution for OEMs
T6713 AMPHENOL-T6713 Datasheet
119Kb / 4P
   An affordable gas sensing solution for OEMs
T6615 AMPHENOL-T6615 Datasheet
80Kb / 4P
   An affordable gas sensing solution for OEMs
logo
List of Unclassifed Man...
GT-526S ETC2-GT-526S Datasheet
50Kb / 2P
   The Affordable Six Channel Solution
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
   An affordable transition to USB 3.0.
logo
Renesas Technology Corp
SMOD701 RENESAS-SMOD701 Datasheet
506Kb / 11P
   Hydrogen Gas Smart Sensing Module
Rev.1.1 Apr 13, 2021
SMOD711 RENESAS-SMOD711 Datasheet
727Kb / 10P
   Flammable Gas Smart Sensing Module
August 9, 2017
logo
Texas Instruments
BQ4050 TI1-BQ4050 Datasheet
3Mb / 53P
[Old version datasheet]   CEDV Gas Gauge and Protection Solution
logo
Freescale Semiconductor...
MCF51JE256 FREESCALE-MCF51JE256 Datasheet
658Kb / 47P
   An Energy-Efficient Solution from Freescale
logo
Future Technology Devic...
VDRIVE2 FTDI-VDRIVE2 Datasheet
935Kb / 8P
   an easy solution for adding a USB Flash disk interface to an existing product
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com