Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28085
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28085 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28085 Datasheet HTML 1Page - Texas Instruments UCC28085 Datasheet HTML 2Page - Texas Instruments UCC28085 Datasheet HTML 3Page - Texas Instruments UCC28085 Datasheet HTML 4Page - Texas Instruments UCC28085 Datasheet HTML 5Page - Texas Instruments UCC28085 Datasheet HTML 6Page - Texas Instruments UCC28085 Datasheet HTML 7Page - Texas Instruments UCC28085 Datasheet HTML 8Page - Texas Instruments UCC28085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488B − SEPTEMBER 2002 − REVISED MAY 2003
4
www.ti.com
electrical characteristics over recommended operating virtual junction temperature range,
VDD = 10 V (See Note 1),1-µF capacitor from VDD to GND, RT = 165 kΩ, RF = 1 kΩ, CF = 220 pF,
RSET = 50 kΩ, TA = −40°C to 85°C for UCC2808x, TA = 0°C to 70°C for UCC3808x, TA = TJ
(unless otherwise noted)
current sense
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gain
See Note 3
1.9
2.2
2.5
V/V
Maximum input signal voltage
CTRL = 5 V,
See Note 4
0.47
0.52
0.57
V
CS to output delay time
CTRL = 3.5 V,
0 mV
≤ CS ≤ 600 mV
100
200
ns
Source current
−200
nA
Sink current
CS = 0.5 V,
RT = 2.0 V,
See Note 5
3
7
12
mA
Overcurrent threshold voltage
0.70
0.75
0.80
V
CTRL to CS offset voltage
CS = 0 V, 25
°C
0.55
0.70
0.90
V
CTRL to CS offset voltage
CS = 0 V
0.37
0.70
1.10
V
pulse width modulation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Maximum duty cycle
Measured at OUTA or OUTB
48%
49%
50%
Minimum duty cycle
CTRL = 0 V
0%
output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Low-level output voltage (OUTA or OUTB)
IOUT = 100 mA
0.5
1.0
V
High-level output voltage (OUTA or OUTB)
IOUT = −50 mA,
(VDD − VOUT), See Note 6
0.5
1.0
V
Rise time
CLOAD = 1 nF
25
60
ns
Fall time
CLOAD = 1 nF
25
60
ns
soft-start
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTA/OUTB soft-start interval time,
UCC38083/4
CTRL = 1.8 V,
CS = 0 V,
Duty cycle from 0 to full
1.3
3.5
8.5
ms
OUTA/OUTB soft-start interval time,
UCC38085/6
CTRL = 1.8 V,
CS = 0 V,
Duty cycle from 0 to full
30
75
110
µs
slope compensation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IRAMP, peak
ISET, peak = 30 µA, Full duty cycle
125
150
175
µA
NOTE 1: For UCCx8083/5, set VDD above the start threshold before setting to 10 V.
NOTE 2: Measured at ISET pin.
NOTE 3: Gain is defined by A
+
DV
CTRL
DV
CS
, 0
≤ VCS ≤ 0.4 V.
NOTE 4: Measured at trip point of latch with CS ramped from 0.4 V to 0.6 V.
NOTE 5: This internal current sink on the CS pin is designed to discharge and external filter capacitor. It is not intended to be a dc sink path.
NOTE 6: Not 100% production tested. Ensured by design and also by the rise time test.


Similar Part No. - UCC28085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28085D TI1-UCC28085D Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28085DG4 TI1-UCC28085DG4 Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28085DR TI1-UCC28085DR Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28085DRG4 TI1-UCC28085DRG4 Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28085P TI1-UCC28085P Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC28085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083D TI1-UCC28083D Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com