|
| SX52 |
|
||
|
ETC |
|
5 page
SPEC NO: KDA0327 REV NO: V.1 DATE: SEP/15/2001 PAGE: 5 OF 5 APPROVED:J.LU CHECKED: DRAWN:X.Q.ZHENG Super Bright Red |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVS-340XL | 0.8 inch 20.32 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS139A | 0.39 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| SA36-11 | 9mm 0.36INCH SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS141A | 0.4 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| SA56-11 | 14MM SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| SA05-11 | 12.7 MM SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| LTS-3406L | 0.8 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 More | Lite-On Technology Corporation |
| UVS-40XXA | 0.4 inch 10.16 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS144A | 0.39 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |