Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32G280F128-QFP100 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM32G280F128-QFP100
Description  Updated specifications based on the results of additional silicon characterization
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G280F128-QFP100 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM32G280F128-QFP100 Datasheet HTML 1Page - Silicon Laboratories EFM32G280F128-QFP100 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulletin #1407033
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev H
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 7/3/2014
Bulletin Effective Date: 7/3/2014
Title: EFM32G Datasheet Revision Notification
Originator: Ted Batey
Phone: 512-532-5279
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
Bulletin Details
Description:
Silicon Labs is pleased to announce that version 1.80 of the EFM32G (Gecko family) datasheets and
version 1.10 of the EFM32G reference manual are now available. The affected datasheets are:
EFM32G200, EFM32G210, EFM32G222, EFM32G230, EFM32G232, EFM32G280, EFM32G290, EFM32G840,
EFM32G842, EFM32G880, EFM32G890. The affected reference manual is: EFM32G-RM.
The datasheet revision includes a number of key changes to existing Min/Max/Typ values that more
accurately reflect the performance of the part. These changes are summarized in Table 1 at the end
of this document. In addition, Table 3.12 HFRCO has a new Footnote 5, ensuring frequency bands
above 7MHz will always have some overlap across supply voltage and temperature.
In addition, new min/max data has been added and other minor updates have been made as follows:
Updated Current Consumption information
Updated Power Management information
Updated GPIO information
Updated LFXO information
Updated HFXO information
Updated HFRCO information and figures
Updated ULFRCO information
Updated ACMP information
See Table 1 at the end of this document for additional details.
The reference manual has also been changed to reflect the updated operating voltage range and
current consumption information.
Reason:
Updated specifications based on the results of additional silicon characterization. There are no
physical or software changes to the devices.


Similar Part No. - EFM32G280F128-QFP100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G280F128-QFP100 SILABS-EFM32G280F128-QFP100 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
More results

Similar Description - EFM32G280F128-QFP100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406251 SILABS-1406251 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
1503163 SILABS-1503163 Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
1503164 SILABS-1503164 Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
1407031 SILABS-1407031 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
1407032 SILABS-1407032 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
   Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com