Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8003ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD8003
Data Sheet
Rev. C | Page 8 of 16
G = +2
VOUT = 2V p-p
fC = 5MHz
–90
–60
–50
–40
–70
–80
–30
–20
–10
10
12
14
16
18
20
22
24
26
28
30
RL (Ω)
VS =±5V
VS =+5V
THIRD
SECOND
Figure 16. Harmonic Distortion vs. RL
G = +2
RL = 150Ω
VOUT = 2V p-p
–2.0
–1.5
1.5
–1.0
1.0
–0.5
0.5
0
2.0
015
TIME (ns)
VS = +5V
VS = ±5V
1
2
3
4
5
6
7
8
9
10 11 12 13 14
0.5
1.0
4.0
1.5
3.5
2.0
3.0
2.5
4.5
Figure 17. Large Signal Pulse Response for Various Supplies
G= +2
RL = 150Ω
VS =5V
VOUT = 200mV p-p
2.2
2.5
2.6
2.7
2.4
2.3
2.8
0
5
10
15
20
25
30
35
TIME (ns)
CL =0pF
CL =15pF
CL = 27pF
Figure 18. Small Signal Pulse Response for Various Capacitive Loads
G= +2
RL = 150Ω
VOUT = 200mV p-p
–0.20
–0.15
0.15
–0.10
0.10
–0.05
0.05
0
0.20
015
TIME (ns)
2.30
2.35
2.65
2.40
2.60
2.45
2.55
2.50
2.70
VS = +5V
VS = ±5V
12
345
678
9
10 11 12 13 14
Figure 19. Small Signal Pulse Response for Various Supplies
G= +2
RL = 150Ω
VS =±5V
VOUT = 200mV p-p
–0.3
0
0.1
0.2
–0.1
–0.2
0.3
0
5
10
15
20
25
30
35
TIME (ns)
CL =0pF
CL = 15pF
CL = 27pF
Figure 20. Small Signal Pulse Response for Various Capacitive Loads
–1.5
0
0.5
1.0
–0.5
–1.0
1.5
–5
010
5
1520253035
40
45
TIME (ns)
–0.3
0
0.1
0.2
–0.1
–0.2
0.3
VIN
VSETTLE
VOUT
G= +2
VS =±5V
RL = 150Ω
Figure 21. Short-Term 0.1% Settling Time


Similar Part No. - AD8003ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003ACPZ-R2 AD-AD8003ACPZ-R2 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
More results

Similar Description - AD8003ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
logo
Micrel Semiconductor
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
   Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com