Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8692ARZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8692ARZ-REEL
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692ARZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8692ARZ-REEL Datasheet HTML 1Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8692ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage
±6 V
Output Short-Circuit Duration
to GND
Observe derating curves
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, the device
soldered in the circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM-8)
210
45
°C/W
8-Lead SOIC (R-8)
158
43
°C/W
5-Lead TSOT (UJ-5)
207
61
°C/W
5-Lead SC70 (KS-5)
376
126
°C/W
14-Lead TSSOP (RU-14)
180
35
°C/W
14-Lead SOIC (R-14)
120
36
°C/W
ESD CAUTION


Similar Part No. - AD8692ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692ARZ-REEL AD-AD8692ARZ-REEL Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8692ARZ-REEL AD-AD8692ARZ-REEL Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692ARZ-REEL AD-AD8692ARZ-REEL Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692ARZ-REEL AD-AD8692ARZ-REEL Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Similar Description - AD8692ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com