Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32ZG222F4-QFP48 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFM32ZG222F4-QFP48
Description  Updated specifications based on the results of additional silicon characterization.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32ZG222F4-QFP48 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFM32ZG222F4-QFP48 Datasheet HTML 1Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulletin #1503163
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev G
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 4
EFM32ZG108F16-QFN24
EFM32ZG108F16-QFN24T
EFM32ZG108F32-QFN24
EFM32ZG108F32-QFN24T
EFM32ZG110F4-QFN24
EFM32ZG110F4-QFN24T
EFM32ZG110F8-QFN24
EFM32ZG110F8-QFN24T
EFM32ZG110F16-QFN24
EFM32ZG110F16-QFN24T
EFM32ZG110F32-QFN24
EFM32ZG110F32-QFN24T
EFM32ZG210F4-QFN32
EFM32ZG210F4-QFN32T
EFM32ZG210F8-QFN32
EFM32ZG210F8-QFN32T
EFM32ZG210F16-QFN32
EFM32ZG210F16-QFN32T
EFM32ZG210F32-QFN32
EFM32ZG210F32-QFN32T
EFM32ZG222F4-QFP48
EFM32ZG222F4-QFP48T
EFM32ZG222F8-QFP48
EFM32ZG222F8-QFP48T
EFM32ZG222F16-QFP48
EFM32ZG222F16-QFP48T
EFM32ZG222F32-QFP48
EFM32ZG222F32-QFP48T
EFM32ZG210M0909F32G-A
EFM32ZG210M0909F32G-AR
This change is considered a minor change which does not affect form, fit, function, quality, or
reliability. The information is being provided as a customer courtesy.
Please contact your local Silicon Laboratories sales representative with any questions about this
notification. A list of Silicon Laboratories sales representatives may be found at www.silabs.com
Customer Actions Needed:
None.
Table 1
Table 1: EFM32ZGxxx Datasheet Rev 1.10 - Summary of Key Changes
Table*
Symbol
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
24 MHz
115
115
132
μA/MHz
21 MHz
114
114
128
μA/MHz
14 MHz
117
117
131
μA/MHz
11 MHz
118
118
133
μA/MHz
6.6 MHz
124
124
139
μA/MHz
1.2 MHz
155
155
177
μA/MHz
24 MHz
48
48
57
μA/MHz
21 MHz
48
48
52
μA/MHz
14 MHz
50
50
54
μA/MHz
11 MHz
52
52
56
μA/MHz
6.6 MHz
57
57
63
μA/MHz
1.2 MHz
89
89
99
μA/MHz
TAMB = 25 °C
0.9
0.9
1.25
μA
TAMB = 85 °C
1.7
1.7
2.35
μA
TAMB = 25 °C
0.5
0.5
0.9
μA
TAMB = 85 °C
1.3
1.3
2.0
μA
TAMB = 25 °C
0.02
0.02
0.035
μA
TAMB = 85 °C
0.29
0.29
0.700
μA
3.8 LFXO
tLFXO
Start-up time
400
1100
ms
3.9 HFXO
tHFXO
Start-up time
400
785
μs
SNRADC
Signal-to-Noise Ratio
200 ksps, 12 bit, differential, VDD ref
69
63
66
dB
SINADADC
Signal-to-Noise-and-
Distortion Ratio
200 ksps, 12 bit, differential, VDD ref
68
62
66
dB
* Note: Table numbers may vary by datasheet. Numbers listed refer to EFM32ZG222.
EM3 Current
Datasheet Rev 1.00
Datasheet Rev 1.10
3.3 Current
Consumption
IEM0
EM0 Current
TAMB = 25 °C
EM1 Current
TAMB = 25 °C
IEM1
IEM2
EM2 Current
IEM3
IEM4
3.14 ADC
EM4 Current


Similar Part No. - EFM32ZG222F4-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon image
EFM32ZG222F4-QFP48 SILICONIMAGE-EFM32ZG222F4-QFP48 Datasheet
1Mb / 66P
   Energy, gas, water and smart metering
logo
Silicon Laboratories
EFM32ZG222F4-QFP48 SILABS-EFM32ZG222F4-QFP48 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222F4-QFP48 SILABS-EFM32ZG222F4-QFP48 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32ZG222F4-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406251 SILABS-1406251 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
1407033 SILABS-1407033 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
1503164 SILABS-1503164 Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
1407031 SILABS-1407031 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
1407032 SILABS-1407032 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
   Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com