Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8BB21F16G-C-QFN20 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM8BB21F16G-C-QFN20
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8BB21F16G-C-QFN20 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM8BB21F16G-C-QFN20 Datasheet HTML 1Page - Silicon Laboratories EFM8BB21F16G-C-QFN20 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulletin #1512171
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev N
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 12/17/2015
Bulletin Effective Date: 12/17/2015
Title: EFM8BB2/EFM8UB1 Data Sheets Rev 1.1 and Erratum Rev 0.4 Update
Originator: Kafai Leung
Phone: 512-532-5232
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
Bulletin Details
Description:
Silicon Labs is pleased to announce that the following data sheets and erratum are updated and
available at www.silabs.com
EFM8BB2 Revision 1.1 data sheet
EFM8BB2 Revision 0.4 errata
EFM8UB1 Revision 1.1 data sheet
EFM8UB1 Revision 0.4 errata
EFM8BB2 Rev 0.3 errata items have been moved to EFM8BB2 Errata History Rev 0.1
EFM8UB1 Rev 0.3 errata items have been moved to EFM8UB1 Errata History Rev 0.1
Reason:
EFM8BB2 Revision 1.1 data sheet includes:
Comparator falling edge wakes the device from Suspend and Snooze modes
- Updated Comparator 0 falling edge as wake-up sources in Suspend mode and Snooze mode in Table
3.1 Power Modes on page 4
Undefined GPIO level whenever VDD is less than 1V
- Added a note regarding GPIO levels undefined whenever VDD is less than 1V in Table 4.1
Recommended Operating Conditions on page 11
Typical debug pins connection
- Added section 5.2 Debug on page 28 to describe a typical connection for the debug connections pins
EFM8BB2 Revision 0.4 errata includes:
EFM8BB2 bootloader will be pre-programmed to all the devices manufactured on or after date code
1601
EFM8UB1 Revision 1.1 data sheet includes:
Comparator falling edge wakes the device from Suspend and Snooze modes
- Updated Comparator 0 falling edge as wake-up sources in Suspend mode and Snooze mode in Table
3.1 Power Modes on page 4
Undefined GPIO level whenever VIO is less than 1V
- Added a note regarding GPIO levels undefined whenever VIO is less than 1V in Table 4.1
Recommended Operating Conditions on page 12
Typical debug pins connection
- Added section 5.3 Debug on page 32 to describe a typical connection for the debug connections pins


Similar Part No. - EFM8BB21F16G-C-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB21F16G-C-QFN20 SILABS-EFM8BB21F16G-C-QFN20 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB21F16G-C-QFN20 SILABS-EFM8BB21F16G-C-QFN20 Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
EFM8BB21F16G-C-QFN20R SILABS-EFM8BB21F16G-C-QFN20R Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8BB21F16G-C-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com