Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32TG222F8-QFP48 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32TG222F8-QFP48
Description  Updated specifications based on the results of additional silicon characterization
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32TG222F8-QFP48 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32TG222F8-QFP48 Datasheet HTML 1Page - Silicon Laboratories EFM32TG222F8-QFP48 Datasheet HTML 2Page - Silicon Laboratories EFM32TG222F8-QFP48 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bulletin #1503164
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev G
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 5
Table 1: EFM32TGxxx Datasheet Rev 1.40 - Summary of Key Changes
Table*
Symbol
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
32 MHz
157
157
μA/MHz
28 MHz
150
195
150
170
μA/MHz
21 MHz
153
199
153
172
μA/MHz
14 MHz
155
202
155
175
μA/MHz
11 MHz
157
204
157
178
μA/MHz
6.6 MHz
162
210
162
183
μA/MHz
1.2 MHz
210
200
240
μA/MHz
32 MHz
53
53
μA/MHz
28 MHz
51
66
51
57
μA/MHz
21 MHz
55
71
55
59
μA/MHz
14 MHz
56
73
56
61
μA/MHz
11 MHz
58
75
58
63
μA/MHz
6.6 MHz
63
82
63
68
μA/MHz
1.2 MHz
140
100
122
μA/MHz
TAMB = 25 °C
1
1.0
1.2
μA
TAMB = 85 °C
2.4
5
2.4
5.0
μA
TAMB = 25 °C
0.59
0.59
1.0
μA
TAMB = 85 °C
2
4.5
2.0
4.5
μA
TAMB = 25 °C
0.02
0.02
0.055
μA
TAMB = 85 °C
0.25
0.7
0.25
0.70
μA
3.10 LFRCO
ILFRCO
Current consumption
190
210
380
nA
28 MHz
106
160
190
μA
21 MHz
93
125
155
μA
14 MHz
77
104
120
μA
11 MHz
72
94
110
μA
6.6 MHz
63
63
90
μA
1.2 MHz
22
22
32
μA
1 Msps, 12-bit, external reference
351
377
μA
10 ksps, 12-bit, 1.25V ref, WARMUP-MODE=00
67
67
μA
10 ksps, 12-bit, 1.25V ref, WARMUP-MODE=01
63
68
μA
10 ksps, 12-bit, 1.25V ref, WARMUP-MODE=10
64
71
μA
3.15 DAC
IDAC
Active current
1 ksps, 12 bit NORMAL
38
17
25
μA
BIASPROG=0xF, HALFBIAS=0x0
400
350
405
μA
BIASPROG=0x7, HALFBIAS=0x1
100
95
115
μA
BIASPROG=0x0, HALFBIAS=0x1
13
13
17
μA
3.17 ACMP
IACMPREF
Current consumption of
internal voltage reference Internal voltage reference
5
2.15
3.00
μA
BIASPROG=0b0000, HALFBIAS=1
0.1
0.3
0.6
μA
BIASPROG=0b1111, HALFBIAS=0
14.7
22
30
μA
ILETIMER
LETIMER current
150
75
nA
IPCNT
PCNT current
100
60
nA
IRTC
RTC current
100
40
nA
ILCD
LCD current
100
50
nA
* Note: Table numbers may vary by datasheet. Numbers listed refer to EFM32TG842.
3.18 VCMP
IVCMP
Active current
3.23 Digital
Peripherals
Active current
IADC
3.14 ADC
3.16 OPAMP
IOPAMP
Active current
IEM4
EM4 Current
3.11 HFRCO
IHFRCO
Current consumption
Datasheet Rev 1.30
Datasheet Rev 1.40
3.3 Current
Consumption
IEM0
EM0 Current
IEM1
EM1 Current
IEM2
EM2 Current
IEM3
EM3 Current


Similar Part No. - EFM32TG222F8-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32TG222F8-QFP48 SILABS-EFM32TG222F8-QFP48 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32TG222F8-QFP48 SILABS-EFM32TG222F8-QFP48 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32TG222F8-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406251 SILABS-1406251 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
1407033 SILABS-1407033 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
1503163 SILABS-1503163 Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
1407031 SILABS-1407031 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
1407032 SILABS-1407032 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
   Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com