Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39193 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 39193
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

39193 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 39193 Datasheet HTML 2Page - TE Connectivity Ltd 39193 Datasheet HTML 3Page - TE Connectivity Ltd 39193 Datasheet HTML 4Page - TE Connectivity Ltd 39193 Datasheet HTML 5Page - TE Connectivity Ltd 39193 Datasheet HTML 6Page - TE Connectivity Ltd 39193 Datasheet HTML 7Page - TE Connectivity Ltd 39193 Datasheet HTML 8Page - TE Connectivity Ltd 39193 Datasheet HTML 9Page - TE Connectivity Ltd 39193 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
408-1559
Rev U
10 of 10
ITEM
DESCRIPTION
PART NUMBER FOR TOOL
46121
47304
47386
47386-5
47387 &
68343-1
1
RING, Retaining
21045-3
21045-3
21045-3
21045-3
21045-3
2
PIN, Retaining
1-23619-6
1-23619-6
1-23619-6
1-23619-6
1-23619-6
3
PIN, Adjustment
39207
39207
39207
39207
39207
4
SPRING
39364
39364
39364
39364
39364
6
RING, Retaining
21045-6
21045-6
21045-6
21045-6
21045-6
7
PIN, Retaining
2-23620-9
2-23620-9
2-23620-9
2-23620-9
2-23620-9
8
SCREW
3-306105-9
3-21016-4
9-305927-1
9-305927-1
9-305927-1
9
SUPPORT
---
39193
---
---
---
10
STOP
---
302765
---
---
---
11
LOCATOR, Housing
302994
---
302994
302994
302994
12
SPRING
301201
---
301201
301201
301201
13
LOCATOR
3-304052-6
---
302993
302993
45965-6
ITEM
DESCRIPTION
PART NUMBER FOR TOOL
47907-1
169485
48518-2
69151-1
69454
1
RING, Retaining
21045-3
21045-3
21045-3
21045-3
21045-3
2
PIN, Retaining
1-23619-6
1-23619-6
1-23619-6
1-23619-6
1-23619-6
3
PIN, Adjustment
39207
39207
39207
39207
39207
4
SPRING
39364
39364
39364
39364
39364
6
RING, Retaining
21045-6
21045-6
21045-6
21045-6
21045-6
7
PIN, Retaining
2-23620-9
2-23620-9
2-23620-9
2-23620-9
2-23620-9
8
SCREW
3-306105-9
3-21016-4
9-305927-1
9-305927-1
9-305927-1
9
SUPPORT
---
---
---
---
---
10
STOP
---
---
---
---
---
11
LOCATOR, Housing
302994
302994
302994
302994
302994-1
12
SPRING
301201
301201
301201
301201
2-304668-6
13
LOCATOR
303542
575960-4
125644-7
302993
4-304052-6
Figure 10


Similar Part No. - 39193

ManufacturerPart #DatasheetDescription
logo
Heyco.
3919 HEYCO-3919 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3919A HEYCO-3919A Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3919V HEYCO-3919V Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
More results

Similar Description - 39193

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com