Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P40250126 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # P40250126
Description  National Institute of Standards and Technology (NIST) traceable, field-replaceable sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P40250126 Datasheet(HTML) 3 Page - Amphenol Corporation

  P40250126 Datasheet HTML 1Page - Amphenol Corporation P40250126 Datasheet HTML 2Page - Amphenol Corporation P40250126 Datasheet HTML 3Page - Amphenol Corporation P40250126 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HumiTrac
Specifications
Environmental Conditions
Operating Range
•-40°Fto140°F(-40°Cto60°C)
•0%to99%RH(non-condensing)
Storage Temperature
-67°Fto185°F(-55°Cto85°C)
Humidity
Sensing Element
Capacitivepolymersensor
Accuracy at 71.6°F (22°C)
•±2%version:±2%10to90%RH
±5%0to10%&90-99%RH
•3%version:±3%@10to90%RH
•5%version:±5%RH@0to99%RH
*Includes hysteresis, linearity and repeatability
Long Term Stability
Lessthan1%driftperyear,typical
Temperature Effect**
Delta%RH=(0.0014x%RH+0.1325)xT°C-
(0.0317x%RH+3.0876)
**Not applicable to signal-conditioned temperature
units.
Repeatability
Seeaccuracystatement
Linearity
Seeaccuracystatement
Hysteresis
•<±1.5%RH(30%RH1h->70%RH1h
->90%RH1h->30%RH,Vair=2m/sec)
Signal Outputs
4to20mA,0to5Vor0to10V(userselectable)
Duct
Mount
Outside Air Mount
Case: ABS flame retardant IP42 rated
Space (Wall) Mount
Case: ABS flame retardant
Duct Mount
Case: ABS flame retardant IP42 rated
Probe: Stainless steel
3.80in
(96.3mm)
2.75in
(70mm)
1/2in
(12.7mm)
conduit
knockout
2places
3.80in
(96.3mm)
3.52in
(89.5mm)
4.70in
(119.2mm)
3.80in
(96.3mm)
1.28in
(32.4mm)
Cover
Base
Wiring
access
2.75in
(70mm)
8.80in
(223.7mm)
Outside Air
Mount
Space (Wall)
Mount


Similar Part No. - P40250126

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P4025LS VBSEMI-P4025LS Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - P40250126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS1352 ETC2-NAS1352 Datasheet
3Mb / 6P
   NATIONAL AEROSPACE STANDARDS COMMITTEE
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Analog Devices
HMC7891 AD-HMC7891 Datasheet
392Kb / 12P
   Field replaceable SMA connectors
logo
Laird Tech Smart Techno...
S24497P LSTD-S24497P Datasheet
345Kb / 2P
   Research institute
logo
List of Unclassifed Man...
SP959B01-TD01 ETC-SP959B01-TD01 Datasheet
118Kb / 7P
   China Electronics Technology Group Corporation No.26 Research Institute
logo
Pasternack Enterprises,...
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
   SMA Female Connector Field Replaceable Attachment
PE44337 PASTERNACK-PE44337 Datasheet
251Kb / 3P
   1.85mm Female Connector Field Replaceable Attachment
logo
List of Unclassifed Man...
JF2-B3A3-DR ETC2-JF2-B3A3-DR Datasheet
207Kb / 2P
   Standards NMEA and OSP
logo
Vishay Siliconix
BYT78-TR VISHAY-BYT78-TR Datasheet
76Kb / 3P
   Tape and Reel Standards
Rev. 1.9, 05-Nov-08
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com