Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P40254276 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # P40254276
Description  National Institute of Standards and Technology (NIST) traceable, field-replaceable sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P40254276 Datasheet(HTML) 4 Page - Amphenol Corporation

  P40254276 Datasheet HTML 1Page - Amphenol Corporation P40254276 Datasheet HTML 2Page - Amphenol Corporation P40254276 Datasheet HTML 3Page - Amphenol Corporation P40254276 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Temperature-Direct Connection
Thermistor
Sensing Element
•10KWthermistorat77°F(25°C)
•3KWthermistorat77°F(25°C)
Signal Output
Directconnection,userselectablebetween3Kor10K
Accuracy
RefertoDC95F103W(10K)andDC95F302W(3K)from
Telaire
Active Temperature Output
Calibration Accuracy at 71.6°F (22°C)
±0.5°F(±0.3°C)
Long Term Stability
Lessthan0.2°Fdriftperyear
Sensor Interchangeability
±0.5°F(±0.3°C)
Signal Outputs
4to20mA,0to5Vor0to10V(userselectable)
Power Requirements
Supply Voltage
12to30VDC
Maximum Load (current output only)
W=SupplyVoltage-10
0.02
HumiTrac
Specifications
General
Protection
IP42ratingforDuctMountandOutsideAirTransmitters
OrderingInformation
Model
Accuracy
5%
3%
2%
2% with NIST
Certificate
Space (Wall) Mount)
RHonly
P40250121
P40250181
P40250109
P40250139
RHand3/10KW
thermistor
P40250122
P40250182
P40250110
P40250141
RHandActive
Temperature
32°Fto122°F
(0°Cto50°C)*
P40250123
P40250183
P40250111
P40250142
RHandActive
Temperature
-40°Fto140°F
(-40°Cto60°C)*
P40250125
P40250184
P40250112
P40250143
Duct Mount
RHonly
P40250129
P40250190
P40250117
P40250147
RHand3/10KW
thermistor
P40250130
P40250191
P40250118
P40250149
RHandActive
Temperature
32°Fto122°F
(0°Cto50°C)*
P40250131
P40250192
P40250119
P40250150
RHandActive
Temperature
-40°Fto140°F
(-40°Cto60°C)*
P40250133
P40250193
P40250120
P40250151
Outside Air
RHonly
P40250126
P40250185
P40250113
P40250144
RHand3/10KW
thermistor
P40250127
P40250186
P40250114
P40250145
RHand1000PRTD
-40°Fto140°F
(-40°Cto60°C)*
P40250128
P40250189
P40250115
P40250146
Replaceable
Sensor Tip
(RH Only)
P40254276
P40254277
P40254275
N/A
*Signal conditioned temperature output corresponding to 4 to 20 mA, 0 to 5V or 0
to 10V
(user selectable)
AAS-920-138C-03/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors


Similar Part No. - P40254276

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P4025LS VBSEMI-P4025LS Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - P40254276

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS1352 ETC2-NAS1352 Datasheet
3Mb / 6P
   NATIONAL AEROSPACE STANDARDS COMMITTEE
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Analog Devices
HMC7891 AD-HMC7891 Datasheet
392Kb / 12P
   Field replaceable SMA connectors
logo
Laird Tech Smart Techno...
S24497P LSTD-S24497P Datasheet
345Kb / 2P
   Research institute
logo
List of Unclassifed Man...
SP959B01-TD01 ETC-SP959B01-TD01 Datasheet
118Kb / 7P
   China Electronics Technology Group Corporation No.26 Research Institute
logo
Pasternack Enterprises,...
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
   SMA Female Connector Field Replaceable Attachment
PE44337 PASTERNACK-PE44337 Datasheet
251Kb / 3P
   1.85mm Female Connector Field Replaceable Attachment
logo
List of Unclassifed Man...
JF2-B3A3-DR ETC2-JF2-B3A3-DR Datasheet
207Kb / 2P
   Standards NMEA and OSP
logo
Vishay Siliconix
BYT78-TR VISHAY-BYT78-TR Datasheet
76Kb / 3P
   Tape and Reel Standards
Rev. 1.9, 05-Nov-08
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com