Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1020 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TJA1020
Description  LIN transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1020 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TJA1020 Datasheet HTML 6Page - NXP Semiconductors TJA1020 Datasheet HTML 7Page - NXP Semiconductors TJA1020 Datasheet HTML 8Page - NXP Semiconductors TJA1020 Datasheet HTML 9Page - NXP Semiconductors TJA1020 Datasheet HTML 10Page - NXP Semiconductors TJA1020 Datasheet HTML 11Page - NXP Semiconductors TJA1020 Datasheet HTML 12Page - NXP Semiconductors TJA1020 Datasheet HTML 13Page - NXP Semiconductors TJA1020 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2004 Jan 13
10
Philips Semiconductors
Product specification
LIN transceiver
TJA1020
IIL
LOW-level input current
VTXD =0V
−50
+5
µA
IOL
LOW-level output current
(local wake-up request)
standby mode;
VNWAKE =0V;
VLIN =VBAT;
VTXD = 0.4 V
1.5
3
mA
Pin NSLP
VIH
HIGH-level input voltage
2
7V
VIL
LOW-level input voltage
−0.3
+0.8
V
Vhys
NSLP hysteresis voltage
0.03
0.5
V
RNSLP
NSLP pull-down resistor
VNSLP = 5 V
125
350
800
k
IIL
LOW-level input current
VNSLP =0V
−50
+5
µA
Pin RXD (open-drain)
IOL
LOW-level output current
normal slope mode;
VLIN =0V; VRXD = 0.4 V
1.3
3.5
mA
ILH
HIGH-level leakage
current
normal slope mode;
VLIN =VBAT; VRXD =5V
−50
+5
µA
Pin NWAKE
VIH
HIGH-level input voltage
VBAT − 1
VBAT + 0.3
V
VIL
LOW-level input voltage
−0.3
VBAT − 3.3
V
IIL
NWAKE pull-up current
VNWAKE =0V
−30
−10
−3
µA
ILH
HIGH-level leakage
current
VNWAKE =27V;
VBAT =27V
−50
+5
µA
Pin INH
Rsw(INH)
switch-on resistance
between pins BAT and
INH
standby; low slope or
normal slope mode;
IINH = −15 mA;
VBAT =12V
30
50
ILH
HIGH-level leakage
current
sleep mode;
VINH = 27 V; VBAT =27V
−50
+5
µA
Pin LIN
Vo(reces)
LIN recessive output
voltage
VTXD =5V; ILIN = 0 mA
0.9VBAT
VBAT
V
Vo(dom)
LIN dominant output
voltage
VTXD =0V; VBAT = 7.3 V −−
1.2
V
VTXD =0V; VBAT = 7.3;
RL =1kΩ
0.6
−−
V
VTXD =0V; VBAT =18V
−−
2.0
V
VTXD =0V; VBAT =18V;
RL =1kΩ
0.8
−−
V
ILH
HIGH-level leakage
current
VLIN =VBAT
−10
+1
µA
IIL
LIN pull-up current
sleep mode; VLIN =0V;
VNSLP =0V
−2
−5
−10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TJA1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1020U PHILIPS-TJA1020U Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
More results

Similar Description - TJA1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com