Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHT-5-I-4-D Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RHT-5-I-4-D
Description  Space, Duct, and Outside Air Configurations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RHT-5-I-4-D Datasheet(HTML) 1 Page - Amphenol Corporation

  RHT-5-I-4-D Datasheet HTML 1Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 2Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 3Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 4Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 5Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 6Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 7Page - Amphenol Corporation RHT-5-I-4-D Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RH/RHT Series
Relative Humidity and
Temperature Transmitters
The Relative Humidity (RH) and Temperature
transmitters are designed for continuous
monitoring of relative humidity (RH) or relative
humidity and temperature (RHT). They provide
accurate and reliable measurement for building
automation and environmental control systems.
The units feature very low profile sensor
enclosures that are virtually unnoticeable in most
installations.
The RH and RHT transmitters are available
with ±2%, ±3%, and ±5% RH accuracy (20%
to 95% RH). For monitoring and controlling in
critical environments, the units can be precision
calibrated to 1% accuracy within a specified RH
range.
The RH and RHT transmitters provide a linear
output of 4-20 mA corresponding to 0 to 100%RH.
The RHT transmitter also provides a 4-20 mA
signal corresponding to any of the selected
standard temperature ranges specified.
Features
• Space, Duct, and Outside Air Configurations
• Durable Industrial Enclosures
• Low Profile
• Compact
• Replaceable, Plug-in Bulk Polymer Resistance
RH Sensor
• Resistant to Contamination
• Temperature Compensation
Amphenol
Advanced Sensors
®


Similar Part No. - RHT-5-I-4-D

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHT NICHICON-RHT Datasheet
674Kb / 2P
   High Temperature
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
RHT02 ETC-RHT02 Datasheet
644Kb / 6P
   Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results

Similar Description - RHT-5-I-4-D

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
   DUCT AIR VELOCITY TRANSMITTER
03/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
   DUCT AIR QUALITY TRANSMITTER
04/20
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
   Duct Air Quality Sensor
logo
Greystone Energy System...
OPV GREYSTONE-OPV Datasheet
358Kb / 2P
   OUTSIDE AIR PICK-UP PORT
logo
List of Unclassifed Man...
GS-AQ911 ETC2-GS-AQ911 Datasheet
62Kb / 2P
   Space air quality transmitter
logo
Systemsensor advanced i...
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com