Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPX3220A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VPX3220A
Description  Video Pixel Decoders
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VPX3220A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VPX3220A Datasheet HTML 3Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 4Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 5Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 6Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 7Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 8Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 9Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 10Page - List of Unclassifed Manufacturers VPX3220A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
VPX 3220 A, VPX 3216 B, VPX 3214 C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
7
2.1.4. Digitally Controlled Clock Oscillator
The clock generation is also a part of the analog front-
end. The crystal oscillator is controlled digitally by the
control processor; the clock frequency can be adjusted
within
±150 ppm if the recommended crystal is used.
2.1.5. Analog-to-Digital Converters
Two ADCs are provided to digitize the input signals.
Each converter runs with 20.25 MHz and has 8-bit reso-
lution. An integrated bandgap circuit generates the re-
quired reference voltages for the converters. The two
ADCs are of a 2-stage subranging type.
2.2. Color Decoder
In this block, the entire luma/chroma separation and
multistandard color demodulation is carried out. The col-
or demodulation uses an asynchronous clock, thus al-
lowing a unified architecture for all color standards.
Both luma and chroma are processed to an orthogonal
sampling raster. Luma and chroma delays are matched.
The total delay of the decoder is adjustable by a FIFO
memory. Therefore, even when the display processing
delay is included, a processing delay of exactly 64
µsec
can be achieved.
The color decoder output is YCrCb in a 4:2:2 format.
2.2.1. IF-Compensation
With off-air or mistuned reception, any attenuation at
higher frequencies or asymmetry around the color sub-
carrier is compensated. Three different settings of the
IF-compensation are possible:
– flat (no compensation)
– 6 dB/octave
– 12 dB/octave
Fig. 2–3: Frequency response of chroma IF-com-
pensation
2.2.2. Demodulator
The entire signal (which might still contain luma) is now
quadrature-mixed to the baseband. The mixing frequen-
cy is equal to the subcarrier for PAL and NTSC, thus
achieving the chroma demodulation. For SECAM, the
mixing frequency is 4.286 MHz giving the quadrature
baseband components of the FM modulated chroma.
After the mixer, a lowpass filter selects the chroma com-
ponents; a downsampling stage converts the color dif-
ference signals to a multiplexed half-rate data stream.
The subcarrier frequency in the demodulator is gener-
ated by direct digital synthesis; therefore, substandards
such as PAL 3.58 or NTSC 4.43 can also be demodu-
lated.


Similar Part No. - VPX3220A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPX3224D ETC-VPX3224D Datasheet
672Kb / 92P
   Video Pixel Decoders
logo
Micronas
VPX3224E MICRONAS-VPX3224E Datasheet
616Kb / 92P
   Video Pixel Decoders
VPX3224E MICRONAS-VPX3224E Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
logo
Micronas
VPX3225E MICRONAS-VPX3225E Datasheet
616Kb / 92P
   Video Pixel Decoders
More results

Similar Description - VPX3220A

ManufacturerPart #DatasheetDescription
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
   Video Pixel Decoders
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
   4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
   4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
Intersil Corporation
TW2964 INTERSIL-TW2964 Datasheet
221Kb / 2P
   4-CH WD1 (960H)/D1 Compatible Video Decoders
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com