Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAS-920-578C Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AAS-920-578C
Description  Intuitive user interface with color screen
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AAS-920-578C Datasheet(HTML) 1 Page - Amphenol Corporation

  AAS-920-578C Datasheet HTML 1Page - Amphenol Corporation AAS-920-578C Datasheet HTML 2Page - Amphenol Corporation AAS-920-578C Datasheet HTML 3Page - Amphenol Corporation AAS-920-578C Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMS2
Complete Protimeter
Moisture
Measurement System
The all new MMS2 represents the latest
Protimeter technology in one intuitive, robust
and fully functional design. If you’re surveying
buildings, inspecting a home, drying a building
after a flood, or testing concrete moisture for a
flooring application, the MMS2 is the solution
for you.
• Pin moisture measurement
• Non-invasive moisture measurement
• Non-contact IR temperature measurement
• Fast responding relative humidity and
temperature measurement
Benefits
• Full building moisture diagnostics on easy-to-
use instrument
• Fast responding hygrometer speeds up
building surveys
• No need to plug in multiple accessories
Features
• Intuitive user interface with color screen
• Data logging
• Firmware upgradable
• Psychrometric calculations
• Surface non-contact temperature
measurement with laser pointer
Amphenol
Advanced Sensors
PROTIMETER


Similar Part No. - AAS-920-578C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-920-079D AMPHENOL-AAS-920-079D Datasheet
50Kb / 2P
   Measures up to 3/4??(19 mm) below the surface
AAS-920-085D AMPHENOL-AAS-920-085D Datasheet
341Kb / 4P
   Protimeter Dual-Function Moisture Meter
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
   Home inspectors
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results

Similar Description - AAS-920-578C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
   INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
logo
Hantronix,Inc
HDM3224ATS-C HANTRONIX-HDM3224ATS-C_15 Datasheet
488Kb / 19P
   320x240 COLOR GRAPHICS LCD DISPLAY MODULE WITH TOUCH SCREEN
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com