Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLD5806 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # BLD5806
Description  In-situ relative humidity and temperature -
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BLD5806 Datasheet(HTML) 7 Page - Amphenol Corporation

  BLD5806 Datasheet HTML 1Page - Amphenol Corporation BLD5806 Datasheet HTML 2Page - Amphenol Corporation BLD5806 Datasheet HTML 3Page - Amphenol Corporation BLD5806 Datasheet HTML 4Page - Amphenol Corporation BLD5806 Datasheet HTML 5Page - Amphenol Corporation BLD5806 Datasheet HTML 6Page - Amphenol Corporation BLD5806 Datasheet HTML 7Page - Amphenol Corporation BLD5806 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Protimeter MMS2 Flooring Kit | 7
MMS2 Specifications
Gross Weight
• 10 oz. (283 gms).
Dimensions (LxWxH)
• 7.5 in x 3.7 in x 2.2 in (190.5 mm x 94 mm x 56 mm).
Maximum Needle Depth
• 0.4 in (10 mm).
Display
• Color LCD.
Batteries (Included)
• 1 x 9v.
Warranty
24 months on mechanical or manufacturing defects.
Does not include wearing parts or accessories.
For more details, including a demonstration video, go to
www.mms2meter.com.
Moisture Measurement Range
• Pin (% WME) 8% to 99, readings over 30% are relative.
• Noninvasive (RF) up to 3/4 in (19 mm) deep, 60 to 1000
(relative).
IR Surface Temperature Probe Range
• 15°F to 120°F (-10°C to 50°C).
Infrared Surface Temperature Range
• IR Based – With 12:1 (D:S) Ratio.
• Range -4°F to 176°F (-20°C to 80°C).
• Accuracy ±3.6°F (±2°C).
Mini Hygrostick Data (Nominal) package of 5 included
• 30% to 40% RH (±3% RH) at 68ºF (20ºC).
• 41% to 98% RH (±2%) at 68ºF (20ºC).
• Range 32°F to 122°F (0°C to 50°C) ±0.6°F (±0.3°C).
Quikstick (used for ambient readings)
• 0% to 10% RH, ±3% RH at 68°F (20°C).
• 11% to 90% RH, ±2% RH at 68°F (20°C).
• 91% to 100% RH, ±3% RH at 68°F (20°C).
• Range 32°F to 122°F (0°C to 50°C) ±0.6°F (±0.3°C).
• Nominal response 30% to 90% and back to 30% RH in
45 seconds @ 68°F (20°C).
Data Storage
• Store up to 8,000 results with date and time stamp
from all instrument functions with the push of a button.


Similar Part No. - BLD5806

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
BLD101D SISEMIC-BLD101D Datasheet
324Kb / 4P
   NPN D SERIES TRANSISTORS
BLD102D SISEMIC-BLD102D Datasheet
352Kb / 4P
   NPN D SERIES TRANSISTORS
BLD112D SISEMIC-BLD112D Datasheet
356Kb / 4P
   NPN D SERIES TRANSISTORS
logo
Foshan Blue Rocket Elec...
BLD122D FOSHAN-BLD122D Datasheet
999Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
logo
Shenzhen SI Semiconduct...
BLD122D SISEMIC-BLD122D Datasheet
638Kb / 7P
   NPN D SERIES TRANSISTORS
More results

Similar Description - BLD5806

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
   Temperature and Relative Humidity Sensor
logo
Vaisala
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com