Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250-100RM-S Datasheet(PDF) 1 Page - Anaren Microwave

Part # 250-100RM-S
Description  BeO Ceramic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

250-100RM-S Datasheet(HTML) 1 Page - Anaren Microwave

  250-100RM-S Datasheet HTML 1Page - Anaren Microwave 250-100RM-S Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 250-100RM-S
Features:
• DC – 2.0 GHz
• 250 Watts
• BeO Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
• RoHS Compliant
Flanged Resistor
250 Watts, 100
General Specifications
Resistive Element
Thick film
Substrate
Beryllium oxide ceramic
Cover
Alumina Ceramic
Mounting Flange
Copper, Nickel plated per QQ-N-290
Lead(s):
99.9% pure silver (.006 thick)
Electrical Specifications
Resistance Range:
100 ohms, ± 5%
Frequency Range;
DC – 2.0 GHz
Power:
250 Watts
Capacitance:
3.3 pF Typical
Note: Tolerance is ±0.010”, unless otherwise specified. Designed to meet of
exceed applicable portions of MIL-E-5400. Operating temperature is -55ºC to
150ºC (see chart for derating temperatures).
All dimensions in inches.
Specifications subject to change with out notice.
Outline Drawing
250-100RM-S (097) Rev C
RoHS
Compliant


Similar Part No. - 250-100RM-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
250-100RM ANAREN-250-100RM Datasheet
396Kb / 2P
   BeO Ceramic
More results

Similar Description - 250-100RM-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
10-50TVR ANAREN-10-50TVR Datasheet
316Kb / 2P
   BeO Ceramic
20-50TPR ANAREN-20-50TPR Datasheet
224Kb / 2P
   BeO Ceramic
100200P4Z50-2 ANAREN-100200P4Z50-2 Datasheet
211Kb / 2P
   BeO Ceramic
40-50TPP-S ANAREN-40-50TPP-S Datasheet
219Kb / 2P
   BeO Ceramic
100200-4Y50-2 ANAREN-100200-4Y50-2 Datasheet
513Kb / 2P
   BeO Ceramic
A40B50X1A ANAREN-A40B50X1A Datasheet
243Kb / 2P
   BeO Ceramic
RFP-400-XXXR ANAREN-RFP-400-XXXR Datasheet
233Kb / 2P
   BeO Ceramic
10-50TVC ANAREN-10-50TVC Datasheet
322Kb / 2P
   BeO Ceramic
250-50TCN ANAREN-250-50TCN Datasheet
229Kb / 2P
   BeO Ceramic
250-200RM ANAREN-250-200RM Datasheet
235Kb / 2P
   BeO Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com