Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250-XXXRM-S Datasheet(PDF) 2 Page - Anaren Microwave

Part # 250-XXXRM-S
Description  250 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

250-XXXRM-S Datasheet(HTML) 2 Page - Anaren Microwave

  250-XXXRM-S Datasheet HTML 1Page - Anaren Microwave 250-XXXRM-S Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model 250-XXXRM-S
Typical Performance:
Part number
Capacitance
Resistance
Frequency Range
250-1RM-S
3.1 pF
1 Ω
3.0 GHz
250-12R5RM-S
3.1 pF
12.5 Ω
3.0 GHz
250-25RM-S
3.3 pF
25 Ω
2.0 GHz
Power De-rating:
Mounting Footprint and Procedure:
NOT RECOMMENDED APPLICATION
BOARD LOWER
THAN LEAD.
THAN LEAD.
BOARD HIGHER
SCALE: NONE
SCALE: NONE
BOARD EVEN
WITH LEAD.
THAN LEAD.
BOARD LOWER
SUGGESTED STRESS RELIEF METHODS
(2 PLACES)
.025 MIN.
SUGGESTED MOUNTING PROCEDURES:
1.
MAKE SURE THAT THE DEVICES ARE MOUNTED ON
FLAT SURFACES (.001" UNDER THE DEVICE) TO
OPTIMIZE THE HEAT TRANSFER.
DRILL & TAP THE HEATSINK FOR THE APPROPRIATE
2.
THREAD SIZE TO BE USED.
3.
COAT HEATSINK WITH A MINIMUM AMOUNT OF HIGH
QUALITY SILICONE GREASE (.001" MAX. THICKNESS).
4.
POSITION DEVICE ON MOUNTING SURFACE & SECURE
USING SOCKET HEAD SCREWS, FLAT & SPLIT WASHER.
TORQUE SCREWS TO THE APPROPRIATE VALUE. MAKE
5.
SURE THAT THE DEVICE IS FLAT AGAINST THE HEATSINK.
(CARE SHOULD BE TAKEN TO AVOID UPWARD PRESSURE OF
THE LEADS TOWARDS THE LID).
SOLDER LEADS IN PLACE USING APPROPROATE SOLDER WITH
A CONTROLLED TEMPERATURE IRON.
** FOR MORE DETAILS CONTACT FACTORY **
250-XXXRM-S (097) Rev D
RoHS
Compliant


Similar Part No. - 250-XXXRM-S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
250-XC6DT3 MTU-250-XC6DT3 Datasheet
453Kb / 4P
   DIESEL ENGINE-GENERATOR SET
250-XS6DT3 MTU-250-XS6DT3 Datasheet
441Kb / 4P
   Diesel Engine-Generator Set
More results

Similar Description - 250-XXXRM-S

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
   250 Watts
logo
Artesyn Technologies
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
   250 Watts
logo
Astec America, Inc
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
   250-2600 Watts
logo
Artesyn Technologies
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
   Total Power: 250 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
   Total Power: 250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com