Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30-07P-B-2-S Datasheet(PDF) 3 Page - Amphenol Corporation

Part # M30-07P-B-2-S
Description  General Eastern Differential Pressure Transmitters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

M30-07P-B-2-S Datasheet(HTML) 3 Page - Amphenol Corporation

  M30-07P-B-2-S Datasheet HTML 1Page - Amphenol Corporation M30-07P-B-2-S Datasheet HTML 2Page - Amphenol Corporation M30-07P-B-2-S Datasheet HTML 3Page - Amphenol Corporation M30-07P-B-2-S Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M Series Specifications
Performance
Accuracy
±1%ofSpan(includingnon-linearityandhysteresis)
Calibration
Traceable to National Institute of Standards and
Technology (NIST)
Environmental
Operating Temperature Range
32°F to 115°F (0°C to 45°C)
Storage Temperature
-20°Fto160°F(-30°Cto70°C)
Effect of Temperature on Zero
±0.05%/°C
Effect of Temperature on Span
±0.02%/°C
Operating Humidity Range
10%to90%RH,non-condensing
Shock Resistance
10 G (11 ms)
Vibration Resistance
5 G to 50 Hz
Electrical Connectors
PolarizedEuro-plug/connectors
Connections
Pluggable terminal block for wire, 14 to 26 AWG
Material
Glass filled polyester
Physical
Dimensions
3.56 in x 4.54 in x 2.18 in (90 mm x 115 mm x 55 mm)
Material
Aluminum alloy #A380
Cover Screws
M4stainlesssteel,non-magnetic
Finish
Black epoxy paint
Knockout
Choice of 2 holes. Knockout hole sizes 1/2 in (12.70 mm)
conduit, PG11 or PG13. Cable glands not included.
Pressure Port Connection
3/16 in (4.57 mm) diameter
Suitable for:
• 1/8in(3.04mm)IDTygon™orpolyurethanetubing
0.11 in to 0.15 in (3 mm to 4 mm)
• 1/4in(6.35mm)ODpolyethylenetubing0.23in
(6 mm)
Weight
1.27 lb (576 g) maximum
Integral filters at both ports. Measures differential, gage
pressure or vacuum. Suitable for air or inert gases.
2 mounting holes for
#8 (4 mm) maximum screw
2.4 in (60 mm)
mounting hole
0.6 in
(15 mm)
0.26 in
(6.5 mm
4.0 in (102 mm)
mounting holes
4.54 in (115 mm
3.6 in
(90 mm)
G11, PG13 or 1/2 conduit holes
1.2 in
(30.5 mm)
1.37 in
(35 mm)
1.35 in
(34 mm)
High
Low
2.5 in
(63.5 mm)
3.4 in (86.5 mm)
Pressure Port


Similar Part No. - M30-07P-B-2-S

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M30-1050046 HARWIN-M30-1050046 Datasheet
82Kb / 1P
   1.25mm FEMALE CRIMP TERMINAL (REELED)
M30-1060046 HARWIN-M30-1060046 Datasheet
66Kb / 1P
   1.25mm FEMALE CRIMP TERMINAL (LOOSE)
M30-1100200 HARWIN-M30-1100200 Datasheet
59Kb / 1P
   1.25mm PITCH SIL CRIMP MOULDING
M30-1101500 HARWIN-M30-1101500 Datasheet
59Kb / 1P
   1.25mm PITCH SIL CRIMP MOULDING
M30-6000246 HARWIN-M30-6000246 Datasheet
71Kb / 1P
   1.25mm PITCH SIL SMT BOARD MOUNT CONNECTOR
More results

Similar Description - M30-07P-B-2-S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
Willow Technologies Ltd
EMD WILLOW-EMD Datasheet
2Mb / 3P
   General Eastern Humidity Sensor
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
logo
Analog Devices
AD9371 AD-AD9371 Datasheet
1Mb / 60P
   Dual differential transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com