Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-9909-018 Datasheet(PDF) 1 Page - API Technologies Corp

Part # SCI-9909-018
Description  High temperature construction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-9909-018 Datasheet(HTML) 1 Page - API Technologies Corp

  SCI-9909-018 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spec Mini Solder-in
Feed-Thru Filters
API Technologies miniature solder-in filters are
hermetically sealed on one end for thru-hole sealing
between compartments allowing it to be soldered into
a package, bracket, or bulkhead while maintaining
hermetically. These mini EMI filters are ideal for a
variety of products intended for use in the microwave
frequency spectrum including oscillators, attenuators,
and synthesizers. The high temperature construction
meets military requirements for solderability and
resistance to soldering heat and its high-purity gold
plating provides excellent compatibility with gold
bonding techniques.
Features
I
.120" diameter mounting
I
Capacitance values from 5pF to .027µF
I
RoHS compliant
I
Reverse seal available
I
High temperature construction
Dimensions in inches
(mm)
LP10
Minimum Insertion Loss (dB)
SCI-9909-008
SCI-9909-009
SCI-9909-010
SCI-9909-011
SCI-9909-012
SCI-9909-013
SCI-9909-014
SCI-9909-015
SCI-9909-016
SCI-9909-017
SCI-9909-018
SCI-9909-019
SCI-9909-020
200
200
200
200
200
200
200
200
200
100
100
50
50
Working
Voltage
Cap
(µf)
500
KHz
10
MHz
Part Number
DC
Amps
100
MHz
1
GHz
10
GHz
1
MHz
5
5
5
5
5
5
5
5
5
5
5
5
5
5
10
25
50
100
250
500
1000
1500
2700
5000
10,000
27,000
4
10
5
5
10
15
21
28
3
5
15
20
22
25
30
35
42
5
10
10
20
22
35
35
35
40
45
50
55
5
20
25
25
28
30
40
45
45
50
55
60
65


Similar Part No. - SCI-9909-018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCI-9900-000 ETC2-SCI-9900-000 Datasheet
80Kb / 1P
   Miniature Solder-in Filters
logo
API Technologies Corp
SCI-9900-000 APITECH-SCI-9900-000 Datasheet
230Kb / 2P
   Miniature Solder-in Filters
logo
List of Unclassifed Man...
SCI-9900-153 ETC2-SCI-9900-153 Datasheet
80Kb / 1P
   Miniature Solder-in Filters
logo
API Technologies Corp
SCI-9900-153 APITECH-SCI-9900-153 Datasheet
230Kb / 2P
   Miniature Solder-in Filters
logo
List of Unclassifed Man...
SCI-9900-303 ETC2-SCI-9900-303 Datasheet
80Kb / 1P
   Miniature Solder-in Filters
More results

Similar Description - SCI-9909-018

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-367-008 APITECH-54-367-008 Datasheet
1Mb / 16P
   High temperature terminal construction
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
logo
IXYS Corporation
CPC7556 IXYS-CPC7556 Datasheet
162Kb / 6P
   Monolithic Construction
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
   Welded construction
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
   Sealed Construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com