Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2100 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2100
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2100 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2100 Datasheet HTML 1Page - Texas Instruments TSC2100 Datasheet HTML 2Page - Texas Instruments TSC2100 Datasheet HTML 3Page - Texas Instruments TSC2100 Datasheet HTML 4Page - Texas Instruments TSC2100 Datasheet HTML 5Page - Texas Instruments TSC2100 Datasheet HTML 6Page - Texas Instruments TSC2100 Datasheet HTML 7Page - Texas Instruments TSC2100 Datasheet HTML 8Page - Texas Instruments TSC2100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
5
ELECTRICAL CHARACTERISTICS
At +25
°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC INTERPOLATION FILTER
Pass band
20
0.45Fs
Hz
Pass band ripple
±0.06
dB
Transition band
0.45Fs
0.5501Fs
Hz
Stop band
0.5501Fs
7.455Fs
Hz
Stop band attenuation
65
dB
Filter group delay
21/Fs
Sec
De−emphasis error
±0.1
dB
DAC LINE OUTPUT
1-kHz sine wave input, 48 ksps, output drivers
in low power mode, load = 10 k
Ω, 10 pF
Full scale output voltage (0 dB)
By design, D10−D9 = 00 in control register
06H/Page2 corresponding to 2-VPP output
swing
0.707
Vrms
Output common mode
By design, D10−D9 = 00 in control register
06H/Page2 corresponding to 2-VPP output
swing
1.35
V
SNR
Measured as idle channel noise, A-weighted
85
97
dBA
THD
0-dB FS input, 0-dB gain
−95
dB
PSRR
1 kHz, 100mVpp on AVDD(2) VGND powered
down
56
dB
Interchannel isolation
Coupling from ADC to DAC
84
dB
DAC HEADPHONE OUTPUT
1-kHz sine wave input, 48 ksps, output drivers
in high power mode, load = 16
Ω, 10 pF
Full scale output voltage (0 dB)
By design, D10−D9 = 00 in control register
06H/Page2 corresponding to 2-VPP output
swing
0.707
Vrms
SNR
Measured as idle channel noise, A-weighted
85
97
dBA
THD
−1 dBFS input, 0-dB gain
−91
−55
dB
PSRR
1 kHz, 100 mVpp on AVDD(1) VGND powered
down
54
dB
Interchannel isolation
Coupling from ADC to DAC
85
dB
Mute attenuation
121
dB
Maximum output power
D10−D9 = 00 in control register 06H/Page2
30
mW
Digital volume control gain
−63.5
0
dB
Digital volume control step size
0.5
dB
Channel separation
Between HPL and HPR
80
dB
DAC SPEAKER OUTPUT
Output driver in high power mode,
load = 8
Ω,, connected between HPR and HPL
pins. D10−D9 = 10 in control register
06H/Page2 corresponding to 2.402-VPP output
swing
Output power
0 dB input to DAC
325
mW
SNR
Measured as idle channel noise, A-weighted
102
dBA
THD
0 dBFS input, 0-dB gain
−33
dB
THD
−6 dBFS input, 0-dB gain
−88
dB
(1) DAC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
HPR L


Similar Part No. - TSC2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDA TI1-TSC2100IDA Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDAG4 TI1-TSC2100IDAG4 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDAR TI1-TSC2100IDAR Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IRHB TI1-TSC2100IRHB Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results

Similar Description - TSC2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com