Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-RR812C1021144 Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-RR812C1021144
Description  DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-RR812C1021144 Datasheet(HTML) 1 Page - E-SWITCH

  38-RR812C1021144 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RR812C1021-144
3:2
7/10/2015
38-RR812C1021144
B
MW
1
1
PANEL THICKNESS
(X) DIM.
0.75 TO 1.25
20.2mm
20.6mm
2.00 TO 3.00
20.4mm
1.25 TO 2.00
PANEL CUTOUT
CIRCUIT: DPST
FUNCTIONS
OFF - ON
3B
4B
2A
1A
(X) DIM
2.10
[.083 in]
20.80
[.819 in]
5.00
[.197 in]
20.00
[.787 in]
NOTE:
1. DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. CONTACT RATING: 16A 125VAC [UL, cUL]
10A 250VAC [UL, cUL]
1/3HP 125/250VAC [UL, cUL]
10(4)A 250V~1E4 T125/55 [VDE]
10(2)A 250V~5E4 T185/55 [VDE]
6. CONTACT RESISTANCE: 35m
MAX. @ 50VAC
7. INSULATION RESISTANCE: 100M
MIN. @ 500VAC
8. DIELECTRIC STRENGTH: 1,500VAC FOR 1 MINUTE
9. ELECTRICAL LIFE: 6,000 CYCLES [UR, cUR]
10,000 CYCLES [ENEC14, SEMKO: 10(4)A 250V~]
10. OPERATING TEMPERATURE: -20 C TO 105 C [UR, cUR]
-20 C TO 125 C [ENEC14, SEMKO]
11.
DENOTES CRITICAL PARAMETER
12. 2011/65/EU (ROHS) COMPLIANT
13. LENS COLOR, BLUE
14. LAMP VOLTAGE, 12V
POS. 1
POS. 2
SWITCH FUNCTION
OFF
ON
OPEN
3B-4B,
1A-2A
B
22394
ADDED BOTTOM VIEW
7/18/16
MJR
MARKING COLOR:
WHITE
ILLUMINATED ACTUATOR
COLOR: BLUE
2.00
[.079 in]
22.5 1.0
.89 .04 in
[
]
9.20
[.362 in]
4.75
[.187 in]
.80
[.031 in]
4.00
[.157 in]
2.50
[.098 in]
20.70
[.815 in]
BODY COLOR:
BLACK
5.5 1.0
.22 .04 in
[
]
14.50
[.571 in]
POS. 2
POS. 1
23.00
[.906 in]


Similar Part No. - 38-RR812C1021144

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RR812C1021146 E-SWITCH-38-RR812C1021146 Datasheet
185Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RR812C1021147 E-SWITCH-38-RR812C1021147 Datasheet
236Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-RR812C1021144

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RA81231000137 E-SWITCH-38-RA81231000137 Datasheet
166Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB212C1011137 E-SWITCH-38-RB212C1011137 Datasheet
163Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRG3813Z20Z2000 E-SWITCH-38-RRG3813Z20Z2000 Datasheet
163Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRG3843Z20Z2000 E-SWITCH-38-RRG3843Z20Z2000 Datasheet
164Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRGA8131100 E-SWITCH-38-RRGA8131100 Datasheet
227Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB212C101Z95126 E-SWITCH-38-RB212C101Z95126 Datasheet
129Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB246C1129 E-SWITCH-38-RB246C1129 Datasheet
130Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB24001000114 E-SWITCH-38-RB24001000114 Datasheet
92Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RR11131100244 E-SWITCH-38-RR11131100244 Datasheet
178Kb / 1P
   DIMENSIONS IN MM [INCH]
14-RB2S00222 E-SWITCH-14-RB2S00222 Datasheet
171Kb / 1P
   DIMENSIONS IN MM [INCH]
14-RB2S00237 E-SWITCH-14-RB2S00237 Datasheet
265Kb / 1P
   DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com