Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2100IRHB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2100IRHB
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2100IRHB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2100IRHB Datasheet HTML 6Page - Texas Instruments TSC2100IRHB Datasheet HTML 7Page - Texas Instruments TSC2100IRHB Datasheet HTML 8Page - Texas Instruments TSC2100IRHB Datasheet HTML 9Page - Texas Instruments TSC2100IRHB Datasheet HTML 10Page - Texas Instruments TSC2100IRHB Datasheet HTML 11Page - Texas Instruments TSC2100IRHB Datasheet HTML 12Page - Texas Instruments TSC2100IRHB Datasheet HTML 13Page - Texas Instruments TSC2100IRHB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
10
LRCK/ADWS
BCLK
DOUT
DIN
tL(BCLK)
ts (DI)
th (DI)
th (WS)
tS (WS)
tH(BCLK)
td(DO−BCLK)
td(DO−WS)
tP(BCLK)
Figure 3. I2S/LJF/RJF Timing in Slave Mode
TYPICAL TIMING REQUIREMENTS (FIGURE 3)
All specifications at 25
°C, DVDD = 1.8 V (1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
tH (BCLK)
BCLK high period
35
35
ns
tL (BCLK)
BCLK low period
35
35
ns
ts(WS)
ADWS/LRCK setup
6
6
ns
th(WS)
ADWS/LRCK hold
6
6
ns
td (DO−WS)
ADWS to DOUT delay (for LJF mode)
25
18
ns
td (DO−BCLK)
BCLK to DOUT delay
25
15
ns
ts(DI)
DIN setup
6
6
ns
th(DI)
DIN hold
6
6
ns
tr
Rise time
5
4
ns
tf
Fall time
5
4
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TSC2100IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100IRHB TI1-TSC2100IRHB Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IRHBR TI1-TSC2100IRHBR Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results

Similar Description - TSC2100IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com