Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC00535AX Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # FC00535AX
Description  Portable Fire Fighter?셲 Telephone Handset and Cabinet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC00535AX Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC00535AX Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC00535AX Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0667 Rev. E page 2 of 2
www.gamewell-fci.com
Telephone Receptacles
FPJ Fire Fighter’s Phone Jack
The receptacle is semi-flush mounted with a single-
gang box (the box is not furnished with a receptacle).
The receptacle has a single phone jack mounted on
an attractive, single-gang, stainless steel plate.
Color-coded wires, 6 inches
(15.2 cm) long, are pre-
wired to the jack to enable fast and accurate wiring to
the system.
Figure 2 FPJ
Backbox Overall Dimensions:
The backbox dimensions appear in Figure 3. The
foot print on the wall measures 9.25” W x 12/8” H
(23.5 x 32.5 cm).
Figure 3 Backbox Dimensions
4"
9"
13"
Specifications
Emergency Telephone Cabinet:
Cabinet
16”
(41 cm) gauge steel with durable
epoxy red finish cover
Cover
1”
(2.5 cm) high lettering for easy identi-
fication with permanent white indelible
ink
Phone cradle
switch
Sealed micro switch-based cradle
Phone cabinet
Includes a removable door with finger
slide pins used for improved service
Handset
Red with optional red coil cord or
armored cable
Field
connections
Terminated to a raised clamp terminal
and clearly marked
Backbox
dimensions
13” H x 9” W x 4” D
(33 x 23 x 10 cm)
includes a 1”
(2.5 cm) extension flange
(Complies with ADA depth for sur-
face-mount)
Ordering Information
Part Number
Description
FC00530
Enclosure, surface or recessed, red
FC00535CX
Telephone assembly coil cord /
standard headset, red
FC00535AX
Telephone assembly armored cord/
standard headset, red
FC00535MD
Solid door / magnetic latch
FC00535SL
Solid door / PD-625 key lock
FC00542
Break glass door / PK-625 key
FC00531
1” Extension flange / red
FC00533
Replacement break glass
FC00535B
PK-625 lock for FF phone cab
FC00566
FF phone cabinet - holds 5
FC00567
FF phone cabinet - holds 10
FPJ
Fire phone jack
FHS
Fire handset


Similar Part No. - FC00535AX

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
More results

Similar Description - FC00535AX

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30045 GAMEWELL-FCI-30045 Datasheet
61Kb / 2P
   Fire Fighter Phone Accessories
logo
Adam Technologies, Inc.
MTJP-616P-X-A2-2 ADAM-TECH-MTJP-616P-X-A2-2 Datasheet
99Kb / 1P
   HANDSET TELEPHONE JACK
MTJP-648-K6-X-C5-1 ADAM-TECH-MTJP-648-K6-X-C5-1 Datasheet
116Kb / 1P
   HANDSET TELEPHONE JACK
logo
List of Unclassifed Man...
YMU759 ETC-YMU759 Datasheet
394Kb / 18P
   SYNTHESIS LSI FOR PORTABLE TELEPHONE
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
   This additional handset has been designed to operate with the ES1510A telephone system
logo
Rohm
BH3890FV ROHM-BH3890FV Datasheet
298Kb / 3P
   Charging control driver IC for Portable telephone BH3890FV
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
   Wireless and Satellite Handset Power-Management ICs
logo
Gamewell-FCI by Honeywe...
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
   Combined Fire and MNS System
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Kendall Howard
ESDC-7836-2000 KENDALLHOWARD-ESDC-7836-2000 Datasheet
502Kb / 1P
   ESD CABINET AND ACCESSORIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com