Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILI95-MB-E3 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # ILI95-MB-E3
Description  Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ILI95-MB-E3 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  ILI95-MB-E3 Datasheet HTML 1Page - Gamewell-FCI by Honeywell ILI95-MB-E3 Datasheet HTML 2Page - Gamewell-FCI by Honeywell ILI95-MB-E3 Datasheet HTML 3Page - Gamewell-FCI by Honeywell ILI95-MB-E3 Datasheet HTML 4Page - Gamewell-FCI by Honeywell ILI95-MB-E3 Datasheet HTML 5Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9020-0613 Rev. M page 3 of 5
Figure 1 INCC Command Center and INX
FIRE
FIRE
E3 Series with
2 notification appliance
circuits, each rated
2.0 amps. @ 24 VDC
(Class 2 Power-Limited).
Two analog addressable
signaling line circuits
(Class 2 Power-Limited)
Style 7 (Class “A”)
INCC-C Command Center with optional
Microphone and Firefighter’s Handset
ASM-16 Addressable Switch Modules with
16 programmable, addressable
switches, each with 3 programmable
indicating LEDs: (red, green yellow)
INX Transponder with
6 independently
programmable
speaker circuits, each
rated 50 watts
(Class 2 Power-Limited)
Three simultaneous
Audio channels
up to 16 programmable
voice messages
(Class 2 Power-Limited)
Optional Digital
Alarm Communicator
Transmitter (DACT-E3)
for local or network-
wide event reporting
Twisted-pair or fiber-optic cable
between nodes 3,000 ft. (900m)
distance with wire
up to 8 dB loss with fiber-optic
One signaling line circuit with
16-AOM-TELF and
32 AOM-2SF addressable
devices (AOM-TELFs shown)
Style 4 (Class “B”) standard
(Class 2 Power-Limited)
Firefighter phone riser
(Class 2 Power-Limited)
FIRE
FIRE
Gamewell-FCI
Gamewell-FCI


Similar Part No. - ILI95-MB-E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9163 ETC1-ILI9163 Datasheet
2Mb / 183P
   a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9163C ETC1-ILI9163C Datasheet
6Mb / 200P
   a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9225 ETC2-ILI9225 Datasheet
1Mb / 113P
   a-Si TFT LCD Single Chip Driver 176RGBx220 Resolution and 262K color
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
   a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
   a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
More results

Similar Description - ILI95-MB-E3

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
logo
Radiometrix Ltd
M1144 RADIOMETRIX-M1144 Datasheet
208Kb / 8P
   Mesh Networked Alarm Control System
logo
Gamewell-FCI by Honeywe...
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com