Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250375N4Z50-2 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 250375N4Z50-2
Description  Non-Nichrome Resistive Element
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

250375N4Z50-2 Datasheet(HTML) 1 Page - Anaren Microwave

  250375N4Z50-2 Datasheet HTML 1Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Surface Mount Termination
25 Watts, 50 Ω
Note:
Tolerance is ± 0.010" unless otherwise specified. Designed to meet or exceed applicable portions
of MIL-E-5400. Operation temperature is -55°C to 125°C (see chart for derating temperatures).
Specifications subject to change without notice.
General Specifications:
Resistive Element:
Aluminum Nitride Ceramic
Tin over Nickel
25 Watts
1.25:1 DC - 3.0 GHz
Resistance Range:
50 Ω, ± 2%
Frequency Range:
DC - 3.0 GHz
Substrate:
Power:
VSWR:
Electrical Specifications:
(315)432-8909
(800) 544-2414
+44 2392-232392
Outline Drawing:
Model
250375N4Z50-2
Thick Film
Terminal Finish:
● Non-Nichrome Resistive Element
● Low VSWR
● 100% Tested
● DC - 3.0 GHz
● 25 Watts
● Aluminum Nitride (AlN) Ceramic
USA / Canada:
Toll Free:
Europe:
Availalble on Tape and Reel
for Pick and Place Manufacturing
RoHS
Compliant
Sheet 1 of 1
250375N4Z50-2 (097) REV(C).xlsx


Similar Part No. - 250375N4Z50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
250375-4Z50-2 ANAREN-250375-4Z50-2 Datasheet
312Kb / 2P
   Low VSWR
More results

Similar Description - 250375N4Z50-2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-60 OHMITE-RES-60 Datasheet
273Kb / 1P
   Nichrome resistive element
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
   Nichrome Resistor Networks on Ceramic Substrates
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
   Resistive touchscreen
logo
List of Unclassifed Man...
ATCHVR ETC2-ATCHVR Datasheet
116Kb / 2P
   RESISTIVE PRODUCTS
logo
Johanson Technology Inc...
RF400BB13 JOHANSON-RF400BB13 Datasheet
550Kb / 21P
   resistive products
logo
Sony Corporation
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
   Magnetoresistance Element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com