Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C472J5JACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C472J5JACTU
Description  Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C472J5JACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C472J5JACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 0426ca30-b270-4be9-a407-35932b66befe
KEMET Part Number: C0603C472J5JACTU
(C0603C472J5JAC7867)
Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for U2J
dielectric for this part number is
1000 hours
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: U2J
Dissipation Factor: 0.1%
Aging Rate: 0.1% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C472J5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C472J5GACAUTO KEMET-C0603C472J5GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 4700 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C472J5GACTU KEMET-C0603C472J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C472J5GECAUTO KEMET-C0603C472J5GECAUTO Datasheet
63Kb / 1P
   ESD SMD Auto C0G, Ceramic, Electro Static Discharge, 4700 pF, 5%, 50 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0603
C0603C472J5GECTU KEMET-C0603C472J5GECTU Datasheet
63Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 4700 pF, 5%, 50 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C472J5RACAUTO KEMET-C0603C472J5RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R, Ceramic, 4700 pF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
More results

Similar Description - C0603C472J5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C332J5JACTU KEMET-C0603C332J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C472J5GACTU KEMET-C0603C472J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C472J3GACTU KEMET-C0603C472J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C103J5JACTU KEMET-C0603C103J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 50 V, 0603, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C472J1GACTU KEMET-C0603C472J1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101J5JACTU KEMET-C0402C101J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C151J5JACTU KEMET-C0402C151J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 150 pF, 5%, 50 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C102J5JACTU KEMET-C0402C102J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 5%, 50 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C221J5JACTU KEMET-C0402C221J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 220 pF, 5%, 50 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C182J5JACTU KEMET-C0402C182J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1800 pF, 5%, 50 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com