Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2530E24X Datasheet(PDF) 8 Page - Anaren Microwave

Part # A2530E24X
Description  2.4 GHz IEEE 802.15.4 compliant
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A2530E24X Datasheet(HTML) 8 Page - Anaren Microwave

Back Button A2530E24X Datasheet HTML 4Page - Anaren Microwave A2530E24X Datasheet HTML 5Page - Anaren Microwave A2530E24X Datasheet HTML 6Page - Anaren Microwave A2530E24X Datasheet HTML 7Page - Anaren Microwave A2530E24X Datasheet HTML 8Page - Anaren Microwave A2530E24X Datasheet HTML 9Page - Anaren Microwave A2530E24X Datasheet HTML 10Page - Anaren Microwave A2530E24X Datasheet HTML 11Page - Anaren Microwave A2530E24X Datasheet HTML 12Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Page 8 of 34
A2530E24x
– User’s Manual
Release Date 11/14/16
Anaren Integrated Radio (AIR)
Figure 1 The functionality of the A2530E24A, using an internal antenna
Figure 2 The functionality of the A2530E24C, using an external antenna
Table 1 Approved Antennas
Item
Part Number
Manufacturer
Type
Gain (dBi)
1
Integral part of A2530E24A
Anaren
Integral Antenna
2
2
66089-2406
Anaren
Monopole whip, 6 mm lead
3
3
66089-2430
Anaren
Monopole whip, 30mm lead
3
1.5.
Applications
 ZigBee® Systems
 Home/Building Automation
 Lighting Systems
 Industrial Control and Monitoring
 Health Care
 Low-Power Wireless Sensor Networks


Similar Part No. - A2530E24X

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530E24A ANAREN-A2530E24A Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
A2530E24A-LPZ ANAREN-A2530E24A-LPZ Datasheet
912Kb / 2P
   Includes three A2530E24A AIR Module BoosterPacks
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
A2530E24AZ1 ANAREN-A2530E24AZ1_14 Datasheet
242Kb / 3P
   The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
More results

Similar Description - A2530E24X

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com