Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0105050385 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 0105050385
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0105050385 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 0105050385 Datasheet HTML 7Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 8Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 9Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 10Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 11Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 12Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 13Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 14Page - List of Unclassifed Manufacturers 0105050385 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
9
The universal design of ROSE industrial enclosures made
from Aluminum, Fiberglass, Stainless Steel, Polycarbonate,
ABS, and Polystyrene is the basis of their versatility.
They are designed to accommodate mechanical parts as
well as electrical and electronic components. Apart from
standard versions, flange enclosures are also available in
Aluminum, Fiberglass, and Polycarbonate.
Industrial Enclosures
Aluform Aluminum Enclosure
• 14 enclosure sizes from 80 x 80 x 80 mm to 200 x 280 x 70mm
• Application area: its elegant design makes it ideal for use in areas where the visual
impression is important.
Standard Aluminum Enclosures / Aluminum Flange Enclosures
• 48 enclosure sizes from 45 x 50 x 30 mm to 600 x 600 x 200 mm
• Application area: standard industrial enclosures
Standard Fiberglass Enclosures
• 26 enclosure sizes from 55 x 55 x 37 mm to 405 x 400 x 120 mm
• Application area: standard industrial enclosures
Fiberglass Flange Enclosures
• 6 enclosure sizes from 170 x 270 x 135 mm to 270 x 540 x 150 mm with two
flange openings
• Application area: fieldbus and installation enclosures
Standard Polycarbonate/ABS Enclosures
• 25 enclosure sizes from 50 x 52 x 35 mm to 360 x 400 x 150 mm
• Application area: standard installation enclosures
Polycarbonate Flange Enclosures
• 6 enclosure sizes from 134 x 170 x 130 mm to 369 x 440 x 130 mm with 2
to 6 flange openings
• Application area: standard installation enclosures
ECO/PCI Compact Enclosures
• 47 enclosure sizes from 65 x 65 x 57 mm to 254 x 355 x 165 mm
GRP 3040/4060 Fiberglass Cabinets
• 5 enclosure sizes from 300 x 400 x 200 mm to 400 x 600 x 250 mm
• Application area: robust universal cabinet with hinged lid
GFK Fiberglass/ABS Mini Cabinets
• 4 enclosure sizes from 199 x 248.5 x 149 mm to 250 x 300 x 170 mm
• Application area: universal cabinet with hinged lid for measurement/
control technology
GRP Fiberglass Mini Cabinets
• 6 enclosure sizes from 120 x 200 x 100 mm to 200 x 300 x 170 mm
• Application area: robust mini-cabinets with hinged lid for measurement/
control technology


Similar Part No. - 0105050385

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0105050385 ETC2-0105050385 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
More results

Similar Description - 0105050385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
   As part of a process of continuous improvement
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
   Dedicated to PFC applications
September 2014 Rev 2
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
logo
PANDUIT CORP.
T038X000FJC-BK PANDUIT-T038X000FJC-BK Datasheet
126Kb / 1P
   CUSTOMER DRAWING PI CASSETTE CONTINUOUS TAPE LABEL
logo
STMicroelectronics
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
   Dedicated to PFC applications
October 2016 Rev 4
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Infineon Technologies A...
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com